Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320A23BIRHDRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV320A23BIRHDRG4
Description  Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320A23BIRHDRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV320A23BIRHDRG4 Datasheet HTML 3Page - Texas Instruments TLV320A23BIRHDRG4 Datasheet HTML 4Page - Texas Instruments TLV320A23BIRHDRG4 Datasheet HTML 5Page - Texas Instruments TLV320A23BIRHDRG4 Datasheet HTML 6Page - Texas Instruments TLV320A23BIRHDRG4 Datasheet HTML 7Page - Texas Instruments TLV320A23BIRHDRG4 Datasheet HTML 8Page - Texas Instruments TLV320A23BIRHDRG4 Datasheet HTML 9Page - Texas Instruments TLV320A23BIRHDRG4 Datasheet HTML 10Page - Texas Instruments TLV320A23BIRHDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
1−1
1 Introduction
The TLV320AIC23B is a high-performance stereo audio codec with highly integrated analog functionality. The
analog-to-digital converters (ADCs) and digital-to-analog converters (DACs) within the TLV320AIC23B use multibit
sigma-delta technology with integrated oversampling digital interpolation filters. Data-transfer word lengths of 16, 20,
24, and 32 bits, with sample rates from 8 kHz to 96 kHz, are supported. The ADC sigma-delta modulator features
third-order multibit architecture with up to 90-dBA signal-to-noise ratio (SNR) at audio sampling rates up to 96 kHz,
enabling high-fidelity audio recording in a compact, power-saving design. The DAC sigma-delta modulator features
a second-order multibit architecture with up to 100-dBA SNR at audio sampling rates up to 96 kHz, enabling
high-quality digital audio-playback capability, while consuming less than 23 mW during playback only. The
TLV320AIC23B is the ideal analog input/output (I/O) choice for portable digital audio-player and recorder
applications, such as MP3 digital audio players.
Integrated analog features consist of stereo-line inputs with an analog bypass path, a stereo headphone amplifier,
with analog volume control and mute, and a complete electret-microphone-capsule biasing and buffering solution.
The headphone amplifier is capable of delivering 30 mW per channel into 32
Ω. The analog bypass path allows use
of the stereo-line inputs and the headphone amplifier with analog volume control, while completely bypassing the
codec, thus enabling further design flexibility, such as integrated FM tuners. A microphone bias-voltage output
provides a low-noise current source for electret-capsule biasing. The AIC23B has an integrated adjustable
microphone amplifier (gain adjustable from 1 to 5) and a programmable gain microphone amplifier (0 dB or 20 dB).
The microphone signal can be mixed with the output signals if a sidetone is required.
While the TLV320AIC23B supports the industry-standard oversampling rates of 256 fs and 384 fs, unique
oversampling rates of 250 fs and 272 fs are provided, which optimize interface considerations in designs using TI C54x
digital signal processors (DSPs) and universal serial bus (USB) data interfaces. A single 12-MHz crystal can supply
clocking to the DSP, USB, and codec. The TLV320AIC23B features an internal oscillator that, when connected to a
12-MHz external crystal, provides a system clock to the DSP and other peripherals at either 12 MHz or 6 MHz, using
an internal clock buffer and selectable divider. Audio sample rates of 48 kHz and compact-disc (CD) standard 44.1
kHz are supported directly from a 12-MHz master clock with 250 fs and 272 fs oversampling rates.
Low power consumption and flexible power management allow selective shutdown of codec functions, thus
extending battery life in portable applications. This design solution, coupled with the industry’s smallest package, the
TI proprietary MicroStar Junior
 using only 25 mm2 of board area, makes powerful portable stereo audio designs
easily realizable in a cost-effective, space-saving total analog I/O solution: the TLV320AIC23B.
1.1
Features
High-Performance Stereo Codec
90-dB SNR Multibit Sigma-Delta ADC (A-weighted at 48 kHz)
100-dB SNR Multibit Sigma-Delta DAC (A-weighted at 48 kHz)
1.42 V – 3.6 V Core Digital Supply: Compatible With TI C54x DSP Core Voltages
2.7 V – 3.6 V Buffer and Analog Supply: Compatible Both TI C54x DSP Buffer Voltages
8-kHz – 96-kHz Sampling-Frequency Support
Software Control Via TI McBSP-Compatible Multiprotocol Serial Port
2-wire-Compatible and SPI-Compatible Serial-Port Protocols
Glueless Interface to TI McBSPs
Audio-Data Input/Output Via TI McBSP-Compatible Programmable Audio Interface
−I2S-Compatible Interface Requiring Only One McBSP for both ADC and DAC
Standard I2S, MSB, or LSB Justified-Data Transfers
16/20/24/32-Bit Word Lengths
MicroStar Junior is a trademark of Texas Instruments.


Similar Part No. - TLV320A23BIRHDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320A23BIRHDRG4 TI-TLV320A23BIRHDRG4 Datasheet
231Kb / 50P
[Old version datasheet]   STEREO AUDIO CODEC 8 TO 96 KHZ WITH INTEGRATED HEADPHONE AMPLIFIER
More results

Similar Description - TLV320A23BIRHDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC23B TI-TLV320AIC23B Datasheet
231Kb / 50P
[Old version datasheet]   STEREO AUDIO CODEC 8 TO 96 KHZ WITH INTEGRATED HEADPHONE AMPLIFIER
TLV320AIC23B-Q1 TI1-TLV320AIC23B-Q1 Datasheet
497Kb / 39P
[Old version datasheet]   Stereo Audio Codec, 8- to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23 TI-TLV320AIC23_06 Datasheet
222Kb / 44P
[Old version datasheet]   Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23 TI-TLV320AIC23 Datasheet
211Kb / 42P
[Old version datasheet]   STereo Audio CODEC, 8- to 96kHz, With Integrated Headphone Amplifier
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Analog Devices
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961 Datasheet
985Kb / 76P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com