Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73625DCQ Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73625DCQ
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73625DCQ Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS73625DCQ Datasheet HTML 7Page - Texas Instruments TPS73625DCQ Datasheet HTML 8Page - Texas Instruments TPS73625DCQ Datasheet HTML 9Page - Texas Instruments TPS73625DCQ Datasheet HTML 10Page - Texas Instruments TPS73625DCQ Datasheet HTML 11Page - Texas Instruments TPS73625DCQ Datasheet HTML 12Page - Texas Instruments TPS73625DCQ Datasheet HTML 13Page - Texas Instruments TPS73625DCQ Datasheet HTML 14Page - Texas Instruments TPS73625DCQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
APPLICATION INFORMATION
Input and Output Capacitor Requirements
Optionalinputcapacitor
Mayimprovesource
impedance,noise,orPSRR.
Optionaloutputcapacitor.
Mayimproveloadtransient,
noise,orPSRR.
Optionalbypass
capacitortoreduce
outputnoise.
V
IN
V
OUT
IN
EN
GND
NR
OUT
TPS736xx
Output Noise
V
N
+ 32mVRMS
(R
1
) R2)
R
2
+ 32mVRMS
V
OUT
V
REF
(1)
TPS73601
GND
EN
FB
IN
OUT
VIN
VOUT
V
OUT =
x1.204
(R
1 + R2)
R2
R
1
C
FB
R
2
Optionalinputcapacitor.
Mayimprovesource
impedance,noise,orPSRR.
Optionaloutputcapacitor.
Mayimproveloadtransient,
noise,orPSRR.
Optionalcapacitor
reducesoutputnoise
andimproves
transientresponse.
V
N(mVRMS) + 27
mVRMS
V
V
OUT(V)
(2)
TPS736xx
SBVS038N – SEPTEMBER 2003 – REVISED JANUARY 2007
in addition to the internal 8k
Ω resistor, presents the
The TPS736xx belongs to a family of new generation
same impedance to the error amp as the 27k
LDO regulators that use an NMOS pass transistor to
bandgap reference output. This impedance helps
achieve
ultra-low-dropout
performance,
reverse
compensate
for
leakages
into
the
error
amp
current blockage, and freedom from output capacitor
terminals.
constraints. These features, combined with low noise
and an enable input, make the TPS736xx ideal for
portable applications. This regulator family offers a
wide selection of fixed output voltage versions and
Although an input capacitor is not required for
an adjustable output version. All versions have
stability, it is good analog design practice to connect
thermal
and
over-current
protection,
including
a 0.1
µF to 1µF low ESR capacitor across the input
foldback current limit.
supply near the regulator. This will counteract
reactive
input
sources
and
improves
transient
Figure 31 shows the basic circuit connections for the
response, noise rejection, and ripple rejection. A
fixed
voltage
models.
Figure
32
gives
the
higher-value capacitor may be necessary if large,
connections
for
the
adjustable
output
version
fast rise-time load transients are anticipated or the
(TPS73601).
device is located several inches from the power
source.
The TPS736xx does not require an output capacitor
for stability and has maximum phase margin with no
capacitor. It is designed to be stable for all available
types and values of capacitors. In applications where
VIN – VOUT < 0.5V and multiple low ESR capacitors
are in parallel, ringing may occur when the product of
COUT and total ESR drops below 50nΩF. Total ESR
includes all parasitic resistances, including capacitor
ESR and board, socket, and solder joint resistance.
In most applications, the sum of capacitor ESR and
trace resistance will meet this requirement.
Figure 31. Typical Application Circuit for
Fixed-Voltage Versions
A precision band-gap reference is used to generate
the internal reference voltage, VREF. This reference is
the dominant noise source within the TPS736xx and
it
generates
approximately
32
µV
RMS
(10Hz
to
100kHz) at the reference output (NR). The regulator
control loop gains up the reference noise with the
same gain as the reference voltage, so that the noise
voltage of the regulator is approximately given by:
Since the value of VREF is 1.2V, this relationship
reduces to:
Figure 32. Typical Application Circuit for
Adjustable-Voltage Version
for the case of no CNR.
R1 and R2 can be calculated for any output voltage
using the formula shown in Figure 32. Sample
An internal 27k
Ω resistor in series with the noise
resistor values for common output voltages are
reduction pin (NR) forms a low-pass filter for the
shown in Figure 2.
voltage reference when an external noise reduction
capacitor, CNR, is connected from NR to ground. For
For best accuracy, make the parallel combination of
CNR = 10nF, the total noise in the 10Hz to 100kHz
R1 and R2 approximately euqal to 19kΩ. This 19kΩ,
bandwidth is reduced by a factor of ~3.2, giving the
approximate relationship:
11
Submit Documentation Feedback


Similar Part No. - TPS73625DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73625DCQ TI-TPS73625DCQ Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73625DCQ TI-TPS73625DCQ Datasheet
641Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator
TPS73625DCQ TI-TPS73625DCQ Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73625DCQ TI-TPS73625DCQ Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73625DCQ TI-TPS73625DCQ Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73625DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
576Kb / 22P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com