Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3985SLDTR-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3985SLDTR-T
Description  Digitally Programmable Dual Full-Bridge MOSFET Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3985SLDTR-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3985SLDTR-T Datasheet HTML 1Page - Allegro MicroSystems A3985SLDTR-T Datasheet HTML 2Page - Allegro MicroSystems A3985SLDTR-T Datasheet HTML 3Page - Allegro MicroSystems A3985SLDTR-T Datasheet HTML 4Page - Allegro MicroSystems A3985SLDTR-T Datasheet HTML 5Page - Allegro MicroSystems A3985SLDTR-T Datasheet HTML 6Page - Allegro MicroSystems A3985SLDTR-T Datasheet HTML 7Page - Allegro MicroSystems A3985SLDTR-T Datasheet HTML 8Page - Allegro MicroSystems A3985SLDTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Digitally Programmable
Dual Full-Bridge MOSFET Driver
A3985
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
control for a variety of step methods, from microstepping to full-step
drive. Load current in the external power MOSFET full-bridges is
set in 1.56% increments of the maximum value.
The above-supply voltage required for the high-side N-channel
MOSFETs is provided by a bootstrap capacitor. Efficiency is
enhanced by using synchronous rectification and the power FETs
are protected from shoot-through by integrated crossover-control
and programmable dead time.
In addition to crossover current control, internal circuit protection
providesthermalshutdownwithhysteresisandundervoltagelockout.
Special power-up sequencing is not required. This component is
supplied in a 38-pin TSSOP (package LD) with 100% matte tin
leadframe plating.
Description (continued)
Selection Guide
Part Number
Packing*
A3985SLD-T
Tube, 50 pieces per tube
A3985SLDTR-T
Tape and reel, 4000 pieces per reel
*Contact Allegro for additional packing options
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VBB
–0.3 to 50
V
Logic Supply Voltage
VDD
–0.3 to 7
V
Logic Inputs and Outputs
–0.3 to 7
V
SENSEx pins
–1 to 1
V
Sxx pins
–2 to 55
V
LSSx pins
–2 to 5
V
GHxx pins
Sxx to Sxx+15
V
GLxx pins
–2 to 16 V
V
Cxx pins
–0.3 to Sxx+15
V
Operating Ambient Temperature
TA
Range S
–20 to 85
ºC
Junction Temperature
TJ(max)
150
ºC
Storage Temperature
Tstg
–55 to 150
ºC


Similar Part No. - A3985SLDTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3980 ALLEGRO-A3980 Datasheet
514Kb / 18P
   Automotive DMOS Microstepping Driver with Translator
November 17, 2011
A3980 ALLEGRO-A3980 Datasheet
504Kb / 18P
   Automotive DMOS Microstepping Driver with Translator
A3980 ALLEGRO-A3980 Datasheet
604Kb / 19P
   Automotive DMOS Microstepping Driver with Translator
A3980KLP ALLEGRO-A3980KLP Datasheet
514Kb / 18P
   Automotive DMOS Microstepping Driver with Translator
November 17, 2011
A3980KLP ALLEGRO-A3980KLP Datasheet
504Kb / 18P
   Automotive DMOS Microstepping Driver with Translator
More results

Similar Description - A3985SLDTR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3275 INTERSIL-CA3275 Datasheet
37Kb / 5P
   Dual Full Bridge Driver
April 1994
logo
STMicroelectronics
L289 STMICROELECTRONICS-L289 Datasheet
603Kb / 13P
   DUAL FULL-BRIDGE DRIVER
Jenuary 2000
L298 STMICROELECTRONICS-L298 Datasheet
185Kb / 13P
   DUAL FULL-BRIDGE DRIVER
logo
National Semiconductor ...
LM18298 NSC-LM18298 Datasheet
147Kb / 8P
   Dual Full-Bridge Driver
logo
Allegro MicroSystems
A4957 ALLEGRO-A4957_16 Datasheet
314Kb / 16P
   Full Bridge MOSFET Driver
logo
STMicroelectronics
L6226 STMICROELECTRONICS-L6226 Datasheet
404Kb / 22P
   DMOS DUAL FULL BRIDGE DRIVER
L6205PD013TR STMICROELECTRONICS-L6205PD013TR Datasheet
400Kb / 21P
   DMOS DUAL FULL BRIDGE DRIVER
logo
Allegro MicroSystems
A3909 ALLEGRO-A3909 Datasheet
267Kb / 10P
   Dual Full Bridge Motor Driver
logo
STMicroelectronics
L6226PDTR STMICROELECTRONICS-L6226PDTR Datasheet
533Kb / 31P
   DMOS dual full bridge driver
logo
Allegro MicroSystems
A4990 ALLEGRO-A4990 Datasheet
300Kb / 13P
   Automotive Dual Full Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com