Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SN54AH573 Datasheet(HTML) 5 Page - Texas Instruments

Part No. SN54AH573
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN54AH573 Datasheet(HTML) 5 Page - Texas Instruments

  SN54AH573 Datasheet HTML 5Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 18 page
background image
SN54AHC573, SN74AHC573
OCTAL TRANSPARENT DTYPE LATCHES
WITH 3STATE OUTPUTS
SCLS242K − OCTOBER 1995 − REVISED JANUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC573
SN74AHC573
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
D
Q
CL = 15 pF
4.5*
6.8*
1
8*
1
8
ns
tPHL
D
Q
CL = 15 pF
4.5*
6.8*
1
8*
1
8
ns
tPLH
LE
Q
CL = 15 pF
5*
7.7*
1
9*
1
9
ns
tPHL
LE
Q
CL = 15 pF
5*
7.7*
1
9*
1
9
ns
tPZH
OE
Q
CL = 15 pF
5.2*
7.7*
1
9*
1
9
ns
tPZL
OE
Q
CL = 15 pF
5.2*
7.7*
1
9*
1
9
ns
tPHZ
OE
Q
CL = 15 pF
5.2*
7.7*
1
9*
1
9
ns
tPLZ
OE
Q
CL = 15 pF
5.2*
7.7*
1
9*
1
9
ns
tPLH
D
Q
CL = 50 pF
6
8.8
1
10
1
10
ns
tPHL
D
Q
CL = 50 pF
6
8.8
1
10
1
10
ns
tPLH
LE
Q
CL = 50 pF
6.5
9.7
1
11
1
11
ns
tPHL
LE
Q
CL = 50 pF
6.5
9.7
1
11
1
11
ns
tPZH
OE
Q
CL = 50 pF
6.7
9.7
1
11
1
11
ns
tPZL
OE
Q
CL = 50 pF
6.7
9.7
1
11
1
11
ns
tPHZ
OE
Q
CL = 50 pF
6.7
9.7
1
11
1
11
ns
tPLZ
OE
Q
CL = 50 pF
6.7
9.7
1
11
1
11
ns
tsk(o)
CL = 50 pF
1**
1
ns
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
∗∗ On products compliant to MIL-PRF-38535, this parameter does not apply.
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4)
PARAMETER
SN74AHC573
UNIT
PARAMETER
MIN
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
1
V
VOL(V)
Quiet output, minimum dynamic VOL
−0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
NOTE 4: Characteristics are for surface-mount packages only.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
16
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn