Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2701-1-V-F4-A Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS2701-1-V-F4-A
Description  HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2701-1-V-F4-A Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS2701-1-V-F4-A Datasheet HTML 2Page - California Eastern Labs PS2701-1-V-F4-A Datasheet HTML 3Page - California Eastern Labs PS2701-1-V-F4-A Datasheet HTML 4Page - California Eastern Labs PS2701-1-V-F4-A Datasheet HTML 5Page - California Eastern Labs PS2701-1-V-F4-A Datasheet HTML 6Page - California Eastern Labs PS2701-1-V-F4-A Datasheet HTML 7Page - California Eastern Labs PS2701-1-V-F4-A Datasheet HTML 8Page - California Eastern Labs PS2701-1-V-F4-A Datasheet HTML 9Page - California Eastern Labs PS2701-1-V-F4-A Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PS2701-1
TYPICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
100
50
25
0
75
25
50
75
100
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
200
150
100
50
0
25
50
75
100
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION vs.
AMBIENT TEMPERATURE
1.5 mW/˚C
50
20
0
40
30
10
61
24
8
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
0
IF = 30 mA
20 mA
10 mA
15 mA
5 mA
100
0.1
1
0.01
10
0.6
1.0
1.4
1.6
0.8
1.2
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
+25 ˚C
0 ˚C
–25 ˚C
–55 ˚C
TA = +100 ˚C
+75 ˚C
+50 ˚C
10 000
0.1
100
1 000
10
1
–60
0
40
80
–40
–20
20
60
100
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
VCE = 40 V
24 V
10 V
50
5
0.1
10
0.5
0.2
20
2
1
0.2
0.6
1.0
0.0
0.4
0.8
Collector Saturation Voltage VCE (sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
IF = 25 mA
10 mA
5 mA
2 mA
1 mA
Remark
The graphs indicate nominal characteristics.
Data Sheet PN10240EJ02V0DS
6


Similar Part No. - PS2701-1-V-F4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2701-1-V NEC-PS2701-1-V Datasheet
109Kb / 12P
   HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
More results

Similar Description - PS2701-1-V-F4-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2701-1 RENESAS-PS2701-1_15 Datasheet
253Kb / 15P
   HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
PS2701-1 RENESAS-PS2701-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
July 19, 2019
logo
NEC
PS2701-1 NEC-PS2701-1 Datasheet
109Kb / 12P
   HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2801-1 NEC-PS2801-1 Datasheet
131Kb / 12P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
PS2705A-1 RENESAS-PS2705A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com