Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3843D-8E4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TL3843D-8E4
Description  CURRENT-MODE PWM CONTROLLERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3843D-8E4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL3843D-8E4 Datasheet HTML 6Page - Texas Instruments TL3843D-8E4 Datasheet HTML 7Page - Texas Instruments TL3843D-8E4 Datasheet HTML 8Page - Texas Instruments TL3843D-8E4 Datasheet HTML 9Page - Texas Instruments TL3843D-8E4 Datasheet HTML 10Page - Texas Instruments TL3843D-8E4 Datasheet HTML 11Page - Texas Instruments TL3843D-8E4 Datasheet HTML 12Page - Texas Instruments TL3843D-8E4 Datasheet HTML 13Page - Texas Instruments TL3843D-8E4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TL284x, TL384x
CURRENT-MODE PWM CONTROLLERS
SLVS038F – JANUARY 1989 – REVISED FEBRUARY 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
shutdown technique
The PWM controller (see Figure 7) can be shut down by two methods: either raise the voltage at ISENSE above
1 V or pull the COMP terminal below a voltage two diode drops above ground. Either method causes the output
of the PWM comparator to be high (refer to block diagram). The PWM latch is reset dominant so that the output
remains low until the next clock cycle after the shutdown condition at the COMP or ISENSE terminal is removed.
In one example, an externally latched shutdown can be accomplished by adding an SCR that resets by cycling
VCC below the lower UVLO threshold. At this point, the reference turns off, allowing the SCR to reset.
330
1 k
500
To Current-Sense
Resistor
REF
ISENSE
Shutdown
Shutdown
COMP
Figure 7. Shutdown Techniques
A fraction of the oscillator ramp can be summed resistively with the current-sense signal to provide slope
compensation for converters requiring duty cycles over 50% (see Figure 8). Note that capacitor C forms a filter
with R2 to suppress the leading-edge switch spikes.
RT
0.1
µF
CT
R1
R2
ISENSE
RSENSE
C
REF
RT/CT
ISENSE
Figure 8. Slope Compensation


Similar Part No. - TL3843D-8E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3843D-8E4 TI-TL3843D-8E4 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL3843D-8E4 TI-TL3843D-8E4 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - TL3843D-8E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com