Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE75A Datasheet(PDF) 6 Page - ON Semiconductor

Part # 1.5KE75A
Description  1500 Watt Mosorb TM Zener Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1.5KE75A Datasheet(HTML) 6 Page - ON Semiconductor

  1.5KE75A Datasheet HTML 1Page - ON Semiconductor 1.5KE75A Datasheet HTML 2Page - ON Semiconductor 1.5KE75A Datasheet HTML 3Page - ON Semiconductor 1.5KE75A Datasheet HTML 4Page - ON Semiconductor 1.5KE75A Datasheet HTML 5Page - ON Semiconductor 1.5KE75A Datasheet HTML 6Page - ON Semiconductor 1.5KE75A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1N6267A Series
http://onsemi.com
6
ambient temperature rises above 25
°C. The average power
derating curve normally given on data sheets may be
normalized and used for this purpose.
At first glance the derating curves of Figure 7 appear to be
in error as the 10 ms pulse has a higher derating factor than
the 10
ms pulse. However, when the derating factor for a
given pulse of Figure 7 is multiplied by the peak power value
of Figure 1 for the same pulse, the results follow the
expected trend.
TYPICAL PROTECTION CIRCUIT
Vin
VL
V
Vin
Vin (TRANSIENT)
VL
td
V
VL
Vin (TRANSIENT)
Zin
LOAD
OVERSHOOT DUE TO
INDUCTIVE EFFECTS
tD = TIME DELAY DUE TO CAPACITIVE EFFECT
t
t
Figure 8.
Figure 9.
UL RECOGNITION*
The
entire
series
has
Underwriters
Laboratory
Recognition for the classification of protectors (QVGV2)
under the UL standard for safety 497B and File #E210057.
Many competitors only have one or two devices recognized
or have recognition in a non-protective category. Some
competitors have no recognition at all. With the UL497B
recognition, our parts successfully passed several tests
including Strike Voltage Breakdown test, Endurance
Conditioning,
Temperature
test,
Dielectric
Voltage-
Withstand test, Discharge test and several more.
Whereas, some competitors have only passed a
flammability test for the package material, we have been
recognized for much more to be included in their Protector
category.
*Applies to 1.5KE6.8A, CA thru 1.5KE250A, CA
CLIPPER BIDIRECTIONAL DEVICES
1. Clipper-bidirectional devices are available in the
1.5KEXXA series and are designated with a “CA”
suffix; for example, 1.5KE18CA. Contact your nearest
ON Semiconductor representative.
2. Clipper-bidirectional part numbers are tested in both
directions to electrical parameters in preceding table
(except for VF which does not apply).
3. The 1N6267A through 1N6303A series are JEDEC
registered devices and the registration does not include
a “CA” suffix. To order clipper-bidirectional devices
one must add CA to the 1.5KE device title.


Similar Part No. - 1.5KE75A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KE75A VISHAY-1.5KE75A Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
HuaXinAn Electronics CO...
1.5KE75A HUAXINAN-1.5KE75A Datasheet
365Kb / 5P
   1500W Transient Voltage Suppressors
logo
Transys Electronics
1.5KE75A TRSYS-1.5KE75A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1.5KE75A DIGITRON-1.5KE75A Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Diotech Company.
1.5KE75A DIOTECH-1.5KE75A Datasheet
1Mb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE75A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
1N6373 ONSEMI-1N6373_05 Datasheet
79Kb / 8P
   1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors
December, 2005 ??Rev. 4
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
logo
Motorola, Inc
SA170A MOTOROLA-SA170A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com