Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76733QPWPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76733QPWPR
Description  FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76733QPWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS76733QPWPR Datasheet HTML 7Page - Texas Instruments TPS76733QPWPR Datasheet HTML 8Page - Texas Instruments TPS76733QPWPR Datasheet HTML 9Page - Texas Instruments TPS76733QPWPR Datasheet HTML 10Page - Texas Instruments TPS76733QPWPR Datasheet HTML 11Page - Texas Instruments TPS76733QPWPR Datasheet HTML 12Page - Texas Instruments TPS76733QPWPR Datasheet HTML 13Page - Texas Instruments TPS76733QPWPR Datasheet HTML 14Page - Texas Instruments TPS76733QPWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TPS76715Q, TPS76718Q, TPS76725Q, TPS76727Q
TPS76728Q, TPS76730Q, TPS76733Q, TPS76750Q, TPS76701Q
FAST TRANSIENT RESPONSE 1A LOW DROPOUT LINEAR REGULATORS
SLVS208I − MAY 1999 − REVISED JANUARY 2004
www.ti.com
11
TYPICAL CHARACTERISTICS
Figure 12
3
2.7
2
1.5
1.75
2
2.25
2.5
2.75
INPUT VOLTAGE (MIN)
vs
OUTPUT VOLTAGE
4
3
3.25
3.5
TA = 25°C
VO − Output Voltage − V
IO = 1 A
TA = 125°C
TA = −40°C
Figure 13
f − Frequency − kHz
101
102
105
106
0
10−1
10−2
104
103
IO = 1 mA
IO = 1 A
VI = 4.3 V
Co = 10 µF
TA = 25°C
TPS76733
OUTPUT IMPEDANCE
vs
FREQUENCY
Figure 14
TA − Free-Air Temperature − °C
−40
0
20
120
103
−60
40
60
80 100
TPS76733
DROPOUT VOLTAGE
vs
FREE-AIR TEMPERATURE
102
101
100
10−1
10−2
−20
140
IO = 1 A
IO = 10 mA
IO = 0
Co = 10 µF


Similar Part No. - TPS76733QPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76733QPWPR TI1-TPS76733QPWPR Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76733QPWPREP TI1-TPS76733QPWPREP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76733QPWPREP TI1-TPS76733QPWPREP Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76733QPWPRG4 TI1-TPS76733QPWPRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76733QPWPRQ1 TI1-TPS76733QPWPRQ1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76733QPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767 TI1-TPS767_16 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS767 TI-TPS767_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS767xxQ Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com