Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5182 Datasheet(PDF) 4 Page - Texas Instruments

Part # TAS5182
Description  100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5182 Datasheet(HTML) 4 Page - Texas Instruments

  TAS5182 Datasheet HTML 1Page - Texas Instruments TAS5182 Datasheet HTML 2Page - Texas Instruments TAS5182 Datasheet HTML 3Page - Texas Instruments TAS5182 Datasheet HTML 4Page - Texas Instruments TAS5182 Datasheet HTML 5Page - Texas Instruments TAS5182 Datasheet HTML 6Page - Texas Instruments TAS5182 Datasheet HTML 7Page - Texas Instruments TAS5182 Datasheet HTML 8Page - Texas Instruments TAS5182 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TAS5182
SLES045E - JUNE 2002 - REVISED MAY 2004
www.ti.com
4
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
NC
NC
DVDD
DVSS
NC
DTC_HS
DTC_LS
OC_HIGH
VRFILT
AP
AM
RESET_AB
BM
BP
CP
CM
RESET_CD
DM
DP
SHUTDOWN
ERR0
ERR1
LOW/HIZ
DVSS
NC
NC
OC_LOW
TEMP
GVSS
GVDD
GLS_A
SLS_A
SHS_A
GHS_A
BST_A
DHS_A
GLS_B
SLS_B
SHS_B
GHS_B
BST_B
DHS_B
GLS_C
SLS_C
SHS_C
GHS_C
BST_C
DHS_C
GLS_D
SLS_D
SHS_D
GHS_D
BST_D
DHS_D
GVDD
GVSS
DCA PACKAGE
(TOP VIEW)
NC - No internal connection
Exposed pad size is 106 x 204 mils
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AM
11
I
PWM input signal (negative), half-bridge A
AP
10
I
PWM input signal (positive), half-bridge A
BM
13
I
PWM input signal (negative), half-bridge B
BP
14
I
PWM input signal (positive), half-bridge B
BST_A
50
I
High-side bootstrap supply (BST), external capacitor to SHS_A required
BST_B
44
I
High-side bootstrap supply (BST), external capacitor to SHS_B required
BST_C
38
I
High-side bootstrap supply (BST), external capacitor to SHS_C required
BST_D
32
I
High-side bootstrap supply (BST), external capacitor to SHS_D required
CM
16
I
PWM input signal (negative), half-bridge C
CP
15
I
PWM input signal (positive), half-bridge C
DM
18
I
PWM input signal (negative), half-bridge D
DP
19
I
PWM input signal (positive), half-bridge D


Similar Part No. - TAS5182

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5182 TI-TAS5182 Datasheet
253Kb / 15P
[Old version datasheet]   100-W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182 TI-TAS5182 Datasheet
773Kb / 62P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5182DCA TI-TAS5182DCA Datasheet
253Kb / 15P
[Old version datasheet]   100-W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182IDCA TI-TAS5182IDCA Datasheet
253Kb / 15P
[Old version datasheet]   100-W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182 TI-TAS5182_15 Datasheet
399Kb / 19P
[Old version datasheet]   100?뭌 STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
More results

Similar Description - TAS5182

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5182 TI-TAS5182 Datasheet
253Kb / 15P
[Old version datasheet]   100-W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5182 TI-TAS5182_15 Datasheet
399Kb / 19P
[Old version datasheet]   100?뭌 STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com