Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5182DCAR Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS5182DCAR
Description  100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5182DCAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5182DCAR Datasheet HTML 7Page - Texas Instruments TAS5182DCAR Datasheet HTML 8Page - Texas Instruments TAS5182DCAR Datasheet HTML 9Page - Texas Instruments TAS5182DCAR Datasheet HTML 10Page - Texas Instruments TAS5182DCAR Datasheet HTML 11Page - Texas Instruments TAS5182DCAR Datasheet HTML 12Page - Texas Instruments TAS5182DCAR Datasheet HTML 13Page - Texas Instruments TAS5182DCAR Datasheet HTML 14Page - Texas Instruments TAS5182DCAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TAS5182
SLES045E - JUNE 2002 - REVISED MAY 2004
www.ti.com
11
Board configuration:
D 1R0 resistors on SHS and GLS connections
D GV
DD = 12 V, PVDD = 40 V
D 10BQ060 voltage clamp on output node
D TT snubbers: L = 75 nH, C = 10 nF, R = 5.4 Ω
OC_HIGH
VRFILT = 1.8 V
TAS5182
9
8
VOC
Figure 5. Overcurrent Configuration Circuit
OC_LOW
27
V-HBRIDGE
V-HBRIDGE
220 k
W
220 k
W
22 k
W
22 k
W
10 k
W
10 k
W
1 M
W
1 M
W
Overtemperature Programming Circuit
The TAS5182 device features a temperature protection
system that uses an external negative temperature
coefficient (NTC) resistor as a temperature sensor.
Figure 6 shows a typical application.
Figure 6. Temperature Sensing Circuit
TEMP
DVDD
TAS5182
3
28
DVSS
4
R(NTC)
47 k
W
DVDD Supply
R1
16 k
W
The temperature protection system has two trigger limits:
OT warning and OT error. OT warning occurs when the
voltage at the TEMP terminal is approximately 36% of
DVDD. OT error occurs when the voltage at the TEMP
terminal is approximately 23% of DVDD. OT warning is
decoded
when
ERR0
=
0,
ERR1
=
1,
and
SHUTDOWN = 1. OT error is decoded when ERR0 = 0,
ERR1 = 1, and SHUTDOWN = 0. The user for a particular
application determines the values of R1 and RNTC. Typical
values are R1 = 16 k
Ω and RNTC = 47 kΩ.
THERMAL INFORMATION
The thermally enhanced DCA package is based on the
56-pin HTSSOP, but includes a thermal pad (see Figure 7)
to provide an effective thermal contact between the IC and
the PCB.
Traditionally, surface mount and power have been
mutually exclusive terms. A variety of scaled-down
TO-220 type packages have leads formed as gull wings to
make them applicable for surface-mount applications.
These packages, however, have two shortcomings: they
do not address the low profile requirements (< 2 mm) of
many of today’s advanced systems and they do not offer
a terminal count high enough to accommodate increasing
integration.
However,
traditional
low-power,
surface-mount
packages
require
power-dissipation
derating that severely limits the usable range of many
high-performance analog circuits
The
PowerPAD
t package (thermally enhanced
HTSSOP) combines fine-pitch, surface-mount technology
with thermal performance comparable to much larger
power packages.
The PowerPAD package is designed to optimize the heat
transfer to the PCB. Because of the small size and limited
mass of a HTSSOP package, thermal enhancement is
achieved by improving the thermal conduction paths that
remove heat from the component. The thermal pad is
formed using a patented lead-frame design and
manufacturing technique to provide a direct connection to
the heat-generating IC. When this pad is soldered to the
PCB, good power dissipation in the ultrathin, fine-pitch,
surface-mount package can be reliably achieved. See
Reference 4 for recommended soldering procedure.
THERMAL DATA
PARAMETER
MIN
TYP
MAX
UNIT
Junction temperature, TJ(SD)
150
_C
Operating temperature, TC
Commercial
0
25
70
_C
pg
p
,
Industrial
-40
25
85
_C
Thermal resistance,
θjc
Pad with solder (1)
0.27
_C/W
Thermal resistance,
θja
21.17
_C/W
Thermal resistance,
θjc
Pad without solder (1)
0.27
_C/W
Thermal resistance,
θja
36.42
_C/W


Similar Part No. - TAS5182DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5182DCA TI-TAS5182DCA Datasheet
253Kb / 15P
[Old version datasheet]   100-W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
More results

Similar Description - TAS5182DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5182 TI-TAS5182 Datasheet
253Kb / 15P
[Old version datasheet]   100-W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5182 TI-TAS5182_15 Datasheet
399Kb / 19P
[Old version datasheet]   100?뭌 STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com