Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76750QPWP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76750QPWP
Description  FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76750QPWP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS76750QPWP Datasheet HTML 3Page - Texas Instruments TPS76750QPWP Datasheet HTML 4Page - Texas Instruments TPS76750QPWP Datasheet HTML 5Page - Texas Instruments TPS76750QPWP Datasheet HTML 6Page - Texas Instruments TPS76750QPWP Datasheet HTML 7Page - Texas Instruments TPS76750QPWP Datasheet HTML 8Page - Texas Instruments TPS76750QPWP Datasheet HTML 9Page - Texas Instruments TPS76750QPWP Datasheet HTML 10Page - Texas Instruments TPS76750QPWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TPS76715Q, TPS76718Q, TPS76725Q, TPS76727Q
TPS76728Q, TPS76730Q, TPS76733Q, TPS76750Q, TPS76701Q
FAST TRANSIENT RESPONSE 1A LOW DROPOUT LINEAR REGULATORS
SLVS208I − MAY 1999 − REVISED JANUARY 2004
www.ti.com
7
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 10 mF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum input voltage for valid RESET
IO(RESET) = 300 µA
1.1
V
Trip threshold voltage
VO decreasing
92
98
%VO
Reset
Hysteresis voltage
Measured at VO
0.5
%VO
Reset
Output low voltage
VI = 2.7 V,
IO(RESET) = 1 mA
0.15
0.4
V
Leakage current
V(RESET) = 5 V
1
µA
RESET time-out delay
200
ms
Input current (EN)
EN = 0 V
−1
0
1
A
Input current (EN)
EN = VI
−1
1
µA
TPS76728
IO = 1 A,
TJ = 25°C
500
TPS76728
IO = 1 A,
TJ = −40°C to 125°C
825
TPS76730
IO = 1 A,
TJ = 25°C
450
Dropout voltage (1)
TPS76730
IO = 1 A,
TJ = −40°C to 125°C
675
mV
Dropout voltage (1)
TPS76733
IO = 1 A,
TJ = 25°C
350
mV
TPS76733
IO = 1 A,
TJ = −40°C to 125°C
575
TPS76750
IO = 1 A,
TJ = 25°C
230
TPS76750
IO = 1 A,
TJ = −40°C to 125°C
380
(1) IN voltage equals VO(typ) − 100 mV; TPS76701 output voltage set to 3.3 V nominal with external resistor divider. TPS76715, TPS76718,
TPS76725, and TPS76727 dropout voltage limited by input voltage range limitations (i.e., TPS76730 input voltage needs to drop to 2.9 V for
purpose of this test).
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VO
Output voltage
vs Output current
2, 3, 4
VO
Output voltage
vs Free-air temperature
5, 6, 7
Ground current
vs Free-air temperature
8, 9
Power supply ripple rejection
vs Frequency
10
Output spectral noise density
vs Frequency
11
Input voltage (min)
vs Output voltage
12
Zo
Output impedance
vs Frequency
13
VDO
Dropout voltage
vs Free-air temperature
14
Line transient response
15, 17
Load transient response
16, 18
VO
Output voltage
vs Time
19
Dropout voltage
vs Input voltage
20
Equivalent series resistance (ESR)
vs Output current
22 − 25


Similar Part No. - TPS76750QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76750QPWP TI-TPS76750QPWP Datasheet
292Kb / 20P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76750QPWP TI1-TPS76750QPWP Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76750QPWPG4 TI1-TPS76750QPWPG4 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76750QPWPR TI1-TPS76750QPWPR Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76750QPWPREP TI1-TPS76750QPWPREP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76750QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767 TI1-TPS767_16 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS767 TI-TPS767_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS767xxQ Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com