Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76750QPWP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76750QPWP
Description  FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76750QPWP Datasheet(HTML) 2 Page - Texas Instruments

  TPS76750QPWP Datasheet HTML 1Page - Texas Instruments TPS76750QPWP Datasheet HTML 2Page - Texas Instruments TPS76750QPWP Datasheet HTML 3Page - Texas Instruments TPS76750QPWP Datasheet HTML 4Page - Texas Instruments TPS76750QPWP Datasheet HTML 5Page - Texas Instruments TPS76750QPWP Datasheet HTML 6Page - Texas Instruments TPS76750QPWP Datasheet HTML 7Page - Texas Instruments TPS76750QPWP Datasheet HTML 8Page - Texas Instruments TPS76750QPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TPS76715Q, TPS76718Q, TPS76725Q, TPS76727Q
TPS76728Q, TPS76730Q, TPS76733Q, TPS76750Q, TPS76701Q
FAST TRANSIENT RESPONSE 1A LOW DROPOUT LINEAR REGULATORS
SLVS208I − MAY 1999 − REVISED JANUARY 2004
www.ti.com
2
description (continued)
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 230 mV at an output
current of 1 A for the TPS76750) and is directly proportional to the output current. Additionally, since the PMOS pass
element is a voltage-driven device, the quiescent current is very low and independent of output loading (typically 85
µA over
the full range of output current, 0 mA to 1 A). These two key specifications yield a significant improvement in operating life
for battery-powered systems. This LDO family also features a sleep mode; applying a TTL high signal to EN (enable) shuts
down the regulator, reducing the quiescent current to 1
µA at TJ = 25°C.
The RESET output of the TPS767xx initiates a reset in microcomputer and microprocessor systems in the event of an
undervoltage condition. An internal comparator in the TPS767xx monitors the output voltage of the regulator to detect an
undervoltage condition on the regulated output voltage.
The TPS767xx is offered in 1.5-V, 1.8-V, 2.5-V, 2.7-V, 2.8-V, 3.0-V, 3.3-V, and 5.0-V fixed-voltage versions and in an
adjustable version (programmable over the range of 1.5 V to 5.5 V). Output voltage tolerance is specified as a maximum
of 2% over line, load, and temperature ranges. The TPS767xx family is available in 8-pin SOIC and 20-pin PWP packages.
AVAILABLE OPTIONS
TJ
OUTPUT
VOLTAGE
(V)
PACKAGED DEVICES
TJ
TYP
TSSOP
(PWP)
SOIC
(D)
5.0
TPS76750Q
TPS76750Q
3.3
TPS76733Q
TPS76733Q
3.0
TPS76730Q
TPS76730Q
2.8
TPS76728Q
TPS76728Q
−40
°C to 125°C
2.7
TPS76727Q
TPS76727Q
−40
°C to 125°C
2.5
TPS76725Q
TPS76725Q
1.8
TPS76718Q
TPS76718Q
1.5
TPS76715Q
TPS76715Q
Adjustable
1.5 V to 5.5 V
TPS76701Q
TPS76701Q
The TPS76701 is programmable using an external resistor divider (see application
information). The D and PWP packages are available taped and reeled. Add an R
suffix to the device type (e.g., TPS76701QDR).
(1) See application information section for capacitor selection details.
RESET
OUT
OUT
7
6
5
IN
IN
EN
GND
3
16
14
13
VI
0.1
µF
RESET
VO
10
µF
+
TPS767xx
Co(1)
Figure 1. Typical Application Configuration (For Fixed Output Options)


Similar Part No. - TPS76750QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76750QPWP TI-TPS76750QPWP Datasheet
292Kb / 20P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76750QPWP TI1-TPS76750QPWP Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76750QPWPG4 TI1-TPS76750QPWPG4 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76750QPWPR TI1-TPS76750QPWPR Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76750QPWPREP TI1-TPS76750QPWPREP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76750QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767 TI1-TPS767_16 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS767 TI-TPS767_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS767xxQ Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com