Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA032D03 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA032D03
Description  10-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D03 Datasheet(HTML) 5 Page - Texas Instruments

  TPA032D03_07 Datasheet HTML 1Page - Texas Instruments TPA032D03_07 Datasheet HTML 2Page - Texas Instruments TPA032D03_07 Datasheet HTML 3Page - Texas Instruments TPA032D03_07 Datasheet HTML 4Page - Texas Instruments TPA032D03_07 Datasheet HTML 5Page - Texas Instruments TPA032D03_07 Datasheet HTML 6Page - Texas Instruments TPA032D03_07 Datasheet HTML 7Page - Texas Instruments TPA032D03_07 Datasheet HTML 8Page - Texas Instruments TPA032D03_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TPA032D03
10W MONO CLASSD AUDIO POWER AMPLIFIER
SLOS283B − DECEMBER 1999 − REVISED JUNE 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range, TC = 25°C (unless otherwise
noted)
Supply voltage, (VDD, PVDD)
14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Headphone supply voltage, (HPVCC)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (MUTE, MODE, SHUTDOWN)
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO (FAULT0, FAULT1), open drain terminated
1 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply/load voltage, (FAULT0, FAULT1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charge pump voltage, VCP
PVDD + 20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous H-bridge output current (1 H-bridge conducting)
3.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed H-Bridge output current, each output, Imax (see Note 1)
7 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous HPREG output current, IO (HPREG)
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation, TC = 25°C
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 260°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Pulse duration = 10 ms, duty cycle
v 2%
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C‡
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DCA
5.6 W
44.8 mW/
°C
3.6 W
2.9 W
‡ Please see the Texas Instruments document, PowerPAD Thermally Enhanced Package Application
Report (literature number SLMA002), for more information on the PowerPAD
 package. The thermal data
was measured on a PCB layout based on the information in the section entitled Texas Instruments
Recommended Board for PowerPAD on page 33 of the before mentioned document.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD, PVDD
8
14
V
Headphone supply voltage, HPVCC
4.5
5.5
V
High-level input voltage, VIH (MUTE, MODE, SHUTDOWN)
2
VDD + 0.3 V
V
Low-level input voltage, VIL (MUTE, MODE, SHUTDOWN)
− 0.3
0.8
V
Audio inputs, LINN, LINP, RINN, RINP, HPLIN, HPRIN, differential input voltage
1
VRMS
PWM frequency
100
250
500
kHZ


Similar Part No. - TPA032D03_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D03DCA TI-TPA032D03DCA Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA032D03_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01 Datasheet
309Kb / 22P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com