Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA032D01DCAR Datasheet(PDF) 10 Page - Texas Instruments

Part # TPA032D01DCAR
Description  10-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D01DCAR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA032D01DCAR Datasheet HTML 6Page - Texas Instruments TPA032D01DCAR Datasheet HTML 7Page - Texas Instruments TPA032D01DCAR Datasheet HTML 8Page - Texas Instruments TPA032D01DCAR Datasheet HTML 9Page - Texas Instruments TPA032D01DCAR Datasheet HTML 10Page - Texas Instruments TPA032D01DCAR Datasheet HTML 11Page - Texas Instruments TPA032D01DCAR Datasheet HTML 12Page - Texas Instruments TPA032D01DCAR Datasheet HTML 13Page - Texas Instruments TPA032D01DCAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TPA032D01
10W MONO CLASSD AUDIO POWER AMPLIFIER
SLOS282B − DECEMBER 1999 − REVISED JUNE 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
input capacitor, CI
In the typical application an input capacitor, CI, is required to allow the amplifier to bias the input signal to the
proper dc level for optimum operation. In this case, CI and ZI, the TPA032D01’s input resistance forms a
high-pass filter with the corner frequency determined in equation 8.
(8)
f
c(highpass) +
1
2
pZ
I
C
I
−3 dB
fc
ZI is nominally 10 kΩ
The value of CI is important to consider as it directly affects the bass (low frequency) performance of the circuit.
Consider the example where the specification calls for a flat bass response down to 40 Hz. Equation 8 is
reconfigured as equation 9.
(9)
C
I +
1
2
pZ
I
fc
In this example, CI is 0.40 µF so one would likely choose a value in the range of 0.47 µF to 1 µF. A low-leakage
tantalum or ceramic capacitor is the best choice for the input capacitors. When polarized capacitors are used,
the positive side of the capacitor should face the amplifier input, as the dc level there is held at 1.5 V, which is
likely higher than the source dc level. Please note that it is important to confirm the capacitor polarity in the
application.
differential input
The TPA032D01 has differential inputs to minimize distortion at the input to the IC. Since these inputs nominally
sit at 1.5 V, dc-blocking capacitors are required on each of the four input terminals. If the signal source is
single-ended, optimal performance is achieved by treating the signal ground as a signal. In other words,
reference the signal ground at the signal source, and run a trace to the dc-blocking capacitor, which should be
located physically close to the TPA032D01. If this is not feasible, it is still necessary to locally ground the unused
input terminal through a dc-blocking capacitor.
power supply decoupling, CS
The TPA032D01 is a high-performance Class-D CMOS audio amplifier that requires adequate power supply
decoupling to ensure the output total harmonic distortion (THD) is as low as possible. Power supply decoupling
also prevents oscillations for long lead lengths between the amplifier and the speaker. The optimum decoupling
is achieved by using two capacitors of different types that target different types of noise on the power supply
leads. For higher frequency transients, spikes, or digital hash on the line, a good low equivalent-series-
resistance (ESR) ceramic capacitor, typically 0.1
µF placed as close as possible to the device’s various VDD
leads, works best. For filtering lower-frequency noise signals, a larger aluminum electrolytic capacitor of 10
µF
or greater placed near the audio power amplifier is recommended.
The TPA032D01 has several different power supply terminals. This was done to isolate the noise resulting from
high-current switching from the sensitive analog circuitry inside the IC.


Similar Part No. - TPA032D01DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D01DCA TI-TPA032D01DCA Datasheet
309Kb / 22P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA032D01DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01 Datasheet
309Kb / 22P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com