Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA032D03 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA032D03
Description  10-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D03 Datasheet(HTML) 4 Page - Texas Instruments

  TPA032D03 Datasheet HTML 1Page - Texas Instruments TPA032D03 Datasheet HTML 2Page - Texas Instruments TPA032D03 Datasheet HTML 3Page - Texas Instruments TPA032D03 Datasheet HTML 4Page - Texas Instruments TPA032D03 Datasheet HTML 5Page - Texas Instruments TPA032D03 Datasheet HTML 6Page - Texas Instruments TPA032D03 Datasheet HTML 7Page - Texas Instruments TPA032D03 Datasheet HTML 8Page - Texas Instruments TPA032D03 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPA032D03
10W MONO CLASSD AUDIO POWER AMPLIFIER
SLOS283B − DECEMBER 1999 − REVISED JUNE 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Class-D amplifier faults
Table 1. Class-D Amplifier Fault Table
FAULT 0
FAULT 1
DESCRIPTION
1
1
No fault. The device is operating normally.
0
1
Charge pump under-voltage lock-out (VCP-UV) fault. All low-side transistors are turned on, shorting the load to
ground. Once the charge pump voltage is restored, normal operation resumes, but FAULT1 is still active. This is not
a latched fault, however. FAULT1 is cleared by cycling MUTE, SHUTDOWN, or the power supply.
0
0
Thermal fault. All the low-side transistors are turned on, shorting the load to ground. Once the junction temperature
drops 20
°C, normal operation resumes (not a latched fault). But the FAULTx terminals are still set and are cleared
by cycling MUTE, SHUTDOWN, or the power supply.
headphone amplifier faults
The thermal fault remains active when the device is in head phone mode. This fault operation has exactly the
same as it does for the Class-D amplifier (see Table 1).
If HPVCC drops below approximately 4.5 V, the head phone is disabled. Once HPVCC exceeds approximately
4.5 V, the head phone amplifier is re-enabled. No fault is reported to the user.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
TSSOP†
(DCA)
−40
°C to 125°C
TPA032D03DCA
† The DCA package is available in left-ended tape and reel. To order
a taped and reeled part, add the suffix R to the part number (e.g.,
TPA032D03DCAR).


Similar Part No. - TPA032D03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03DCA TI-TPA032D03DCA Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA032D03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01 Datasheet
309Kb / 22P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com