Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA152DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA152DR
Description  75-mW STEREO AUDIO POWER AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA152DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA152DR Datasheet HTML 3Page - Texas Instruments TPA152DR Datasheet HTML 4Page - Texas Instruments TPA152DR Datasheet HTML 5Page - Texas Instruments TPA152DR Datasheet HTML 6Page - Texas Instruments TPA152DR Datasheet HTML 7Page - Texas Instruments TPA152DR Datasheet HTML 8Page - Texas Instruments TPA152DR Datasheet HTML 9Page - Texas Instruments TPA152DR Datasheet HTML 10Page - Texas Instruments TPA152DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TPA152
75-mW STEREO AUDIO POWER AMPLIFIER
SLOS210A – JUNE 1998 – REVISED MARCH 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
VI = 1 V(rms)
AV = –1 V/V
0.01
0.001
0.1
f – Frequency – Hz
20
100
1k
10k
20k
RL = 32 Ω
RL = 10,47, and 100 kΩ
Figure 10
OUTPUT NOISE VOLTAGE
vs
FREQUENCY
VDD = 5 V
BW = 10 Hz to 22 kHz
RL = 32 Ω to 10 kΩ
AV = –1 V/V
10
1
20
f – Frequency – Hz
20
100
1k
10k
20k
Figure 11
Gain – V/V
SIGNAL-TO-NOISE RATIO
vs
GAIN
12
3
4
7
8
6
5
105
95
85
80
100
90
110
9
RL = 10 kΩ
10
RI = 20 kΩ
RL = 32 Ω
Figure 12
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
f – Frequency – Hz
20
100
1k
10k
20k
–50
–70
–90
–100
–60
–80
0
–20
–40
–10
–30
VDD = 5 V
RL = 32 Ω to 10 kΩ
CB = 0.1 µF
CB = 1 µF
CB = 2.5 V


Similar Part No. - TPA152DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA152D TI-TPA152D Datasheet
270Kb / 16P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA152DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA152 TI-TPA152_15 Datasheet
803Kb / 19P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA152 TI-TPA152 Datasheet
270Kb / 16P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA302 TI-TPA302_07 Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA302 TI-TPA302 Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com