Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM3906SC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM3906SC
Description  DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM3906SC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM3906SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM3906SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM3906SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM3906SC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.3 - 108
OM3901SC - OM3909SC
3.3
ELECTRICAL CHARACTERISTICS +5 Volt V
IN = 10V, Io = 500mA, -55°C
TA 125°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Output Voltage
VOUT
TA = 25°C
4.92
5.08
V
VIN = 7.5V to 20V
4.85
5.15
V
Line Regulation
VRLINE
VIN = 7.5V to 20V
5
mV
(Note 1)
12
mV
VIN = 8.0V to 12V
4
mV
10
mV
Load Regulation
VRLOAD
IO = 5mA to 1.5 Amp
12
mV
(Note 1)
25
mV
IO = 250mA to 750 mA
6
mV
15
mV
Standby Current Drain
ISCD
6mA
6.5
mA
Standby Current Drain
D
ISCD
VIN = 7.5V to 20V
0.8
mA
Change With Line
(Line)
Standby Current Drain
D
ISCD
IO = 5mA to 1000mA
0.5
mA
Change With Load
(Load)
Dropout Voltage
VDO
TA = 25°C, DVOUT = 100mV, IO = 1.0A
2.5
V
Peak Output Current
IO (pk)
TA = 25°C
1.5
3.3
A
Short Circuit Current
IDS
VIN = 35V
1.2
A
(Note 2)
2.8
A
Ripple Rejection
D
VIN
f =120 Hz, DVIN = 10V
66
dB
D
VOUT
(Note 3)
60
dB
Output Noise Voltage
NO
TA = 25°C, f =10 Hz to 100KHz
40
µV/V
(Note 3)
RMS
Long Term Stability
D
VOUT
TA = 25°C, t = 1000 hrs.
75
mV
(Note 3)
D
t
INDIVIDUAL POSITIVE REGULATORS
ELECTRICAL CHARACTERISTICS +12 Volt V
IN = 19V, Io = 500mA, -55°C
TA 125°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Output Voltage
VOUT
TA = 25°C
11.88
12.12
V
VIN = 14.5V to 27V
11.64
12.36
V
Line Regulation
VRLINE
VIN = 14.5V to 27V
18
mV
(Note 1)
50
mV
VIN = 16V to 22V
9
mV
30
mV
Load Regulation
VRLOAD
IO = 5mA to 1.5 Amp
32
mV
(Note 1)
60
mV
IO = 250mA to 750 mA
20
mV
40
mV
Standby Current Drain
ISCD
6.0
mA
6.5
mA
Standby Current Drain
D
ISCD
VIN = 15V to 30V
0.8
mA
Change With Line
(Line)
Standby Current Drain
D
ISCD
IO = 5mA to 1000mA
0.5
mA
Change With Load
(Load)
Dropout Voltage
VDO
D
VOUT = 100mV, IO = 1.0A
2.5
V
Peak Output Current
IO (pk)
TA = 25°C
1.5
3.3
A
Short Circuit Current
IDS
VIN = 35V
1.2
A
(Note 2)
2.8
A
Ripple Rejection
D
VIN
f =120 Hz, DVIN = 10V
61
dB
D
VOUT
(Note 3)
54
dB
Output Noise Voltage
NO
TA = 25°C, f =10 Hz to 100KHz
40
µV/V
(Note 3)
RMS
Long Term Stability
D
VOUT
TA = 25°C, t = 1000 hrs.
120
mV
(Note 3)
D
t
Notes:
1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2. Short Circuit protection is only assured up to V
IN = 35V.
3. If not tested, shall be guaranteed to the specified limits.
The • denotes the specifications which apply over the full operating temperature range.


Similar Part No. - OM3906SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM3906SC ETC2-OM3906SC Datasheet
36Kb / 4P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
More results

Similar Description - OM3906SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM3901SC ETC2-OM3901SC Datasheet
36Kb / 4P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
logo
International Rectifier
OM1905N2M IRF-OM1905N2M Datasheet
29Kb / 4P
   HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWING
logo
List of Unclassifed Man...
OM1905STM ETC2-OM1905STM Datasheet
35Kb / 4P
   ISOLATED HERMETIC FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
OM1905NKM ETC2-OM1905NKM Datasheet
36Kb / 4P
   HERMETIC TO-3 FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
OM1905NMM ETC-OM1905NMM Datasheet
26Kb / 4P
   HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
OM1805NMM ETC2-OM1805NMM Datasheet
30Kb / 4P
   HERMETIC SURFACE MOUNT FIXED VOLTAGE POSITIVE REGULATORS APPROVED TO DESC DRAWINGS
OM1805N2M ETC1-OM1805N2M Datasheet
26Kb / 4P
   HERMETIC SURFACE MOUNT FIXED VOLTAGE POSITIVE REGULATORS APPROVED TO DESC DRAWINGS
logo
International Rectifier
5962-87782012A IRF-5962-87782012A Datasheet
30Kb / 4P
   HERMETIC SURFACE MOUNT FIXED VOLTAGE POSITIVE REGULATORS APPROVED TO DESC DRAWINGS
logo
List of Unclassifed Man...
OM2940STM ETC-OM2940STM Datasheet
38Kb / 4P
   0.5 VOLT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATOR APPROVED TO DESC DRAWING
OM7505S ETC-OM7505S Datasheet
36Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com