Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS869DWR Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74ALS869DWR
Description  SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS869DWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ALS869DWR Datasheet HTML 5Page - Texas Instruments SN74ALS869DWR Datasheet HTML 6Page - Texas Instruments SN74ALS869DWR Datasheet HTML 7Page - Texas Instruments SN74ALS869DWR Datasheet HTML 8Page - Texas Instruments SN74ALS869DWR Datasheet HTML 9Page - Texas Instruments SN74ALS869DWR Datasheet HTML 10Page - Texas Instruments SN74ALS869DWR Datasheet HTML 11Page - Texas Instruments SN74ALS869DWR Datasheet HTML 12Page - Texas Instruments SN74ALS869DWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SN54AS867, SN54AS869
SN74ALS867A, SN74ALS869, SN74AS867, SN74AS869
SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SDAS115C – DECEMBER 1982 – REVISED JANUARY 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN74ALS867A
MIN
MAX
fmax
35
MHz
tPLH
CLK
RCO
4
14
ns
tPHL
CLK
RCO
4
14
ns
tPLH
CLK
Any Q
3
16
ns
tPHL
CLK
Any Q
3
16
ns
tPLH
ENT
RCO
3
14
ns
tPHL
ENT
RCO
2
9
ns
tPHL
S0 or S1 (clear mode)
Any Q
8
26
ns
tPLH
S0 or S1
RCO
4
16
ns
tPHL
(count up/down)
RCO
4
16
ns
tPLH
S0 or S1 (clear mode)
RCO
4
16
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN74ALS869DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS869DWR TI-SN74ALS869DWR Datasheet
636Kb / 27P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SN74ALS869DWRE4 TI-SN74ALS869DWRE4 Datasheet
636Kb / 27P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SN74ALS869DWRG4 TI-SN74ALS869DWRG4 Datasheet
636Kb / 27P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
More results

Similar Description - SN74ALS869DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS867 TI-SN54AS867_07 Datasheet
636Kb / 27P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SN54AS867 TI-SN54AS867 Datasheet
287Kb / 17P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
Fairchild Semiconductor
DM74ALS169B FAIRCHILD-DM74ALS169B Datasheet
69Kb / 7P
   Synchronous Four-Bit Up/Down Counters
logo
STMicroelectronics
M54HC190 STMICROELECTRONICS-M54HC190 Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
Texas Instruments
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190_01 Datasheet
555Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
M74HC191 STMICROELECTRONICS-M74HC191_01 Datasheet
566Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
National Semiconductor ...
MM54HC192 NSC-MM54HC192 Datasheet
180Kb / 8P
   Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com