Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP809EK-4-4 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP809EK-4-4
Description  3 Pin Microprocessor Supervisor Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP809EK-4-4 Datasheet(HTML) 5 Page - Sipex Corporation

  SP809EK-4-4 Datasheet HTML 1Page - Sipex Corporation SP809EK-4-4 Datasheet HTML 2Page - Sipex Corporation SP809EK-4-4 Datasheet HTML 3Page - Sipex Corporation SP809EK-4-4 Datasheet HTML 4Page - Sipex Corporation SP809EK-4-4 Datasheet HTML 5Page - Sipex Corporation SP809EK-4-4 Datasheet HTML 6Page - Sipex Corporation SP809EK-4-4 Datasheet HTML 7Page - Sipex Corporation SP809EK-4-4 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Date: 5/02/06 Rev B
SP809/810, 3 Pin Microprocessor Supervisor Circuit
© Copyright 2006 Sipex Corporation
PIN DESCRIPTION
e
m
a
N
n
i
P
n
o
i
t
p
i
r
c
s
e
D
D
N
G
.
d
n
u
o
r
G
)
9
0
8
P
S
(
T
E
S
E
R
t
e
s
e
r
e
h
t
w
o
l
e
b
s
i
C
C
V
e
li
h
w
w
o
l
s
n
i
a
m
e
r
t
u
p
t
u
O
T
E
S
E
R
.
n
i
p
t
u
p
t
u
o
w
o
l
e
v
i
t
c
A
.
d
l
o
h
s
e
r
h
t
)
0
1
8
P
S
(
T
E
S
E
R
t
e
s
e
r
e
h
t
w
o
l
e
b
s
i
C
C
V
e
li
h
w
h
g
i
h
s
n
i
a
m
e
r
t
u
p
t
u
O
T
E
S
E
R
.
n
i
p
t
u
p
t
u
o
h
g
i
h
e
v
i
t
c
A
.
d
l
o
h
s
e
r
h
t
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
µP will be activated at a valid reset state.
These µP supervisory circuits assert reset to
prevent code execution errors during power-
up, power-down, or brownout conditions.
Reset is guaranteed to be a logic low for
V
TH>VCC>0.9V. Once VCC exceeded the reset
threshold, an internal timer keeps RESET low
for the reset timeout period; after this interval,
RESET goes high.
If a brownout condition occurs (V
CC drops
below the reset threshold), RESET goes low.
Any time V
CC goes below the reset threshold,
the internal timer resets to zero, and RESET
goes low. The internal timer is activated after
V
CC returns above the reset threshold, and
RESET remains low for the reset timeout
period.
DETAILED DESCRIPTION
Benefits of Highly Accurate Reset
Threshold
SP809/810 with specified voltage as 5V±10%
or 3V±10% are ideal for systems using a
5V±5% or 3V±5% power supply. The reset is
guaranteed to assert after the power supply
falls below the minimum specified operating
voltage range of the system ICs. The
pretrimmed thresholds are reducing the range
over which an undesirable reset may occur.
APPLICATION INFORMATION
Negative-Going V
CC Transients
In addition to issuing a reset to the µP during
power-up, power-down, and brownout condi-
tions, SP809 series are relatively resistant to
short-duration negative-going V
CC transient.
Ensuring a Valid Reset Output Down to
VCC= 0
When V
CC falls below 0.9V, SP809 RESET
output no longer sinks current; it becomes
an open circuit. In this case, high-imped-
ance CMOS logic inputs connecting to
RESET can drift to undetermined voltages.
Therefore, SP809/810 with CMOS is
perfect for most applications of V
CC down to
0.9V.
However in applications where RESET
must be valid down to 0V, adding a pull-
down resistor to RESET causes any
leakage currents to flow to ground, holding
RESET low.
Interfacing to
µP with Bidirectional
Reset Pins
The RESET output on the SP809N is open
drain, this device interfaces easily with µPs
that have bidirectional reset pins. Connect-
ing the µP supervisor's RESET output
directly to the microcontroller's RESET pin
with a single pull-up resistor allows either
device to assert reset.


Similar Part No. - SP809EK-4-4

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP809EK-L-2-3TR EXAR-SP809EK-L-2-3TR Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP809EK-L-2-6TR EXAR-SP809EK-L-2-6TR Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP809EK-L-2-9TR EXAR-SP809EK-L-2-9TR Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP809EK-L-3-1TR EXAR-SP809EK-L-3-1TR Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
More results

Similar Description - SP809EK-4-4

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Fairchild Semiconductor
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
logo
Diodes Incorporated
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com