Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA0233DGQRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPA0233DGQRG4
Description  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0233DGQRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA0233DGQRG4 Datasheet HTML 7Page - Texas Instruments TPA0233DGQRG4 Datasheet HTML 8Page - Texas Instruments TPA0233DGQRG4 Datasheet HTML 9Page - Texas Instruments TPA0233DGQRG4 Datasheet HTML 10Page - Texas Instruments TPA0233DGQRG4 Datasheet HTML 11Page - Texas Instruments TPA0233DGQRG4 Datasheet HTML 12Page - Texas Instruments TPA0233DGQRG4 Datasheet HTML 13Page - Texas Instruments TPA0233DGQRG4 Datasheet HTML 14Page - Texas Instruments TPA0233DGQRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TPA0233
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS278D – JANUARY 2000 – REVISED NOVEMBER 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–50
10
10
100
1k
10k
100k
f – Frequency – Hz
CLOSED LOOP RESPONSE
0
–10
–20
20
30
–40
–30
1M
Gain
Phase
VDD = 5 V
RL = 32 Ω
Mode = Stereo
AV = 2 dB
Figure 21
180
°
90
°
0
°
–90
°
–180
°
–135
°
–45
°
45
°
135
°
–110
–100
–90
–80
–70
–60
–50
Figure 22
f – Frequency – Hz
CROSSTALK
vs
FREQUENCY
20
100
1k
10k 20k
Left-to-Right
VDD = 5 V
RL = 32 Ω
PO = 75 mW
AV = 1.25 dB
Figure 23
–110
–100
–90
–80
–70
–60
–50
f – Frequency – Hz
CROSSTALK
vs
FREQUENCY
20
100
1k
10k 20k
Left-to-Right
VDD = 3 V
RL = 32 Ω
PO = 35 mW
AV = 1.25 dB


Similar Part No. - TPA0233DGQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0233DGQ TI-TPA0233DGQ Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results

Similar Description - TPA0233DGQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0243 TI-TPA0243 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223DGQR TI1-TPA0223DGQR Datasheet
878Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223 TI-TPA0223 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213 Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_15 Datasheet
813Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213_07 Datasheet
703Kb / 24P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253 Datasheet
105Kb / 7P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253_15 Datasheet
593Kb / 13P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com