Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA701 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA701
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA701 Datasheet(HTML) 3 Page - Texas Instruments

  TPA701 Datasheet HTML 1Page - Texas Instruments TPA701 Datasheet HTML 2Page - Texas Instruments TPA701 Datasheet HTML 3Page - Texas Instruments TPA701 Datasheet HTML 4Page - Texas Instruments TPA701 Datasheet HTML 5Page - Texas Instruments TPA701 Datasheet HTML 6Page - Texas Instruments TPA701 Datasheet HTML 7Page - Texas Instruments TPA701 Datasheet HTML 8Page - Texas Instruments TPA701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPA701
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS229D – NOVEMBER1998 – REVISED MAY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
2.5
5.5
V
High-level voltage, VIH
SHUTDOWN
0.9 VDD
V
Low-level voltage, VIL
SHUTDOWN
0.1 VDD
V
Operating free-air temperature, TA
– 40
85
°C
electrical characteristics at specified free-air temperature, VDD = 3.3 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOO|
Output offset voltage (measured differentially)
SHUTDOWN = 0 V, RL = 8 Ω, RF = 10 kΩ
20
mV
PSRR
Power supply rejection ratio
VDD = 3.2 V to 3.4 V
85
dB
IDD
Supply current
SHUTDOWN = 0 V, RF = 10 kΩ
1.25
2.5
mA
IDD(SD)
Supply current, shutdown mode (see Figure 4)
SHUTDOWN = VDD, RF = 10 kΩ
1.5
1000
nA
|IIH|
High-level input current
SHUTDOWN, VDD = 3.3 V, VI = 3.3 V
1
µA
|IIL|
Low-level input current
SHUTDOWN, VDD = 3.3 V, VI = 0 V
1
µA
operating characteristics, VDD = 3.3 V, TA = 25°C, RL = 8 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power, see Note 1
THD = 0.2%,
See Figure 9
250
mW
THD + N
Total harmonic distortion plus noise
AV = – 2 V/V,
PO = 250 mW
f = 200 Hz to 4 kHz,
See Figure 7,
0.55%
BOM
Maximum output power bandwidth
AV = – 2 V/V,
THD = 2%,
See Figure 7
20
kHz
B1
Unity-gain bandwidth
Open loop,
See Figure 15
1.4
MHz
Supply ripple rejection ratio
f = 1 kHz,
CB = 1 µF,
See Figure 2
79
dB
Vn
Noise output voltage
AV = –1 V/V,
CB = 0.1 µF,
See Figure 19
17
µV(rms)
NOTE 1: Output power is measured at the output terminals of the device at f = 1 kHz.
electrical characteristics at specified free-air temperature, VDD = 5 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOO|
Output offset voltage (measured differentially)
SHUTDOWN = 0 V, RL = 8 Ω, RF = 10 kΩ
20
mV
PSRR
Power supply rejection ratio
VDD = 4.9 V to 5.1 V
78
dB
IDD
Supply current
SHUTDOWN = 0 V, RF = 10 kΩ
1.25
2.5
mA
IDD(SD)
Supply current, shutdown mode (see Figure 4)
SHUTDOWN = VDD, RF = 10 kΩ
5
1500
nA
|IIH|
High-level input current
SHUTDOWN, VDD = 5.5 V, VI = VDD
1
µA
|IIL|
Low-level input current
SHUTDOWN, VDD = 5.5 V, VI = 0 V
1
µA


Similar Part No. - TPA701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA701 TI-TPA701 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701D TI-TPA701D Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701DGN TI-TPA701DGN Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - TPA701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com