Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6017A2 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPA6017A2
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6017A2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA6017A2_07 Datasheet HTML 5Page - Texas Instruments TPA6017A2_07 Datasheet HTML 6Page - Texas Instruments TPA6017A2_07 Datasheet HTML 7Page - Texas Instruments TPA6017A2_07 Datasheet HTML 8Page - Texas Instruments TPA6017A2_07 Datasheet HTML 9Page - Texas Instruments TPA6017A2_07 Datasheet HTML 10Page - Texas Instruments TPA6017A2_07 Datasheet HTML 11Page - Texas Instruments TPA6017A2_07 Datasheet HTML 12Page - Texas Instruments TPA6017A2_07 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TPA6017A2
SLOS386 – NOVEMBER 2001
9
www.ti.com
TYPICAL CHARACTERISTICS
Figure 13
0.01%
10%
20
100
1k
10k 20k
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
1%
0.1%
PO = 1 W
RL = 8 Ω
AV = 15.6 dB
AV = 6 dB
AV = 21.6 dB
Figure 14
0.1%
0.01%
0.01
0.1
1%
10%
110
f = 20 Hz
f = 1 kHz
PO – Output Power – W
RL = 8 Ω
AV = 6 dB
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
f = 15 kHz
Figure 15
0.1%
0.01%
0.01
0.1
1%
10%
110
f = 20 Hz
f = 1 kHz
PO – Output Power – W
RL = 8 Ω
AV = 15.6 dB
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
f = 15 kHz
Figure 16
0.1%
0.01%
0.01
0.1
1%
10%
110
f = 20 Hz
f = 1 kHz
PO – Output Power – W
RL = 8 Ω
AV = 21.6 dB
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
f = 15 kHz


Similar Part No. - TPA6017A2_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6017A2PWP TI-TPA6017A2PWP Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2PWP TI-TPA6017A2PWP Datasheet
859Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFER WITH FOUR SELECTABLE SETTINGS
TPA6017A2PWPG4 TI-TPA6017A2PWPG4 Datasheet
859Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFER WITH FOUR SELECTABLE SETTINGS
TPA6017A2PWPR TI-TPA6017A2PWPR Datasheet
859Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFER WITH FOUR SELECTABLE SETTINGS
TPA6017A2PWPRG4 TI-TPA6017A2PWPRG4 Datasheet
859Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFER WITH FOUR SELECTABLE SETTINGS
More results

Similar Description - TPA6017A2_07

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_15 Datasheet
828Kb / 32P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com