Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6017A2PWPG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA6017A2PWPG4
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6017A2PWPG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPA6017A2PWPG4 Datasheet HTML 1Page - Texas Instruments TPA6017A2PWPG4 Datasheet HTML 2Page - Texas Instruments TPA6017A2PWPG4 Datasheet HTML 3Page - Texas Instruments TPA6017A2PWPG4 Datasheet HTML 4Page - Texas Instruments TPA6017A2PWPG4 Datasheet HTML 5Page - Texas Instruments TPA6017A2PWPG4 Datasheet HTML 6Page - Texas Instruments TPA6017A2PWPG4 Datasheet HTML 7Page - Texas Instruments TPA6017A2PWPG4 Datasheet HTML 8Page - Texas Instruments TPA6017A2PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TPA6017A2
SLOS386 – NOVEMBER 2001
5
www.ti.com
operating characteristics, VDD = 5 V, TA = 25°C, RL = 8 Ω, Gain = –2 V/V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 1%, RL = 4 Ω
f = 1 kHz,
1.9
W
THD + N
Total harmonic distortion plus noise
PO = 1 W,
f = 20 Hz to 15 kHz
0.75%
BOM
Maximum output power bandwidth
THD = 5%
>15
kHz
Supply ripple rejection ratio
f = 1 kHz, CB = 0.47 µF
–68
dB
SNR
Signal-to-noise ratio
105
dB
V
Noise output voltage
C0 47 F f
20 Hz to 20 kHz No filtering
16
µVRMS
Vn
Noise output voltage
CB = 0.47 µF, f = 20 Hz to 20 kHz, No filtering
–96
dBV
ZI
Input impedance
See Table 1
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
THD N
Total harmonic distortion plus noise
vs Output power
1, 4–6, 9–11,
14–16,
THD+N
Total harmonic distortion plus noise
vs Frequency
2, 3, 7, 8, 12,
13
Vn
Output noise voltage
vs Bandwidth
17
Supply ripple rejection ratio
vs Frequency
18
Crosstalk
vs Frequency
19
Shutdown attenuation
vs Frequency
20
SNR
Signal-to-noise ratio
vs Frequency
21
Closed loop response
22–24
PO
Output power
vs Load resistance
25
P
Power dissipation
vs Output power
26
PD
Power dissipation
vs Ambient temperature
27


Similar Part No. - TPA6017A2PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6017A2PWPG4 TI-TPA6017A2PWPG4 Datasheet
859Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFER WITH FOUR SELECTABLE SETTINGS
More results

Similar Description - TPA6017A2PWPG4

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_15 Datasheet
828Kb / 32P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com