Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6017A2PWPG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPA6017A2PWPG4
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6017A2PWPG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPA6017A2PWPG4 Datasheet HTML 1Page - Texas Instruments TPA6017A2PWPG4 Datasheet HTML 2Page - Texas Instruments TPA6017A2PWPG4 Datasheet HTML 3Page - Texas Instruments TPA6017A2PWPG4 Datasheet HTML 4Page - Texas Instruments TPA6017A2PWPG4 Datasheet HTML 5Page - Texas Instruments TPA6017A2PWPG4 Datasheet HTML 6Page - Texas Instruments TPA6017A2PWPG4 Datasheet HTML 7Page - Texas Instruments TPA6017A2PWPG4 Datasheet HTML 8Page - Texas Instruments TPA6017A2PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TPA6017A2
SLOS386 – NOVEMBER 2001
2
www.ti.com
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
TSSOP†
(PWP)
–40
°C to 85°C
TPA6017A2PWP
† The PWP package is available taped and
reeled. To order a taped and reeled part, add
the suffix R to the part number (e.g.,
TPA6017A2PWPR).
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
GAIN0
GAIN1
LOUT+
LIN–
PVDD
RIN+
LOUT–
LIN+
BYPASS
GND
SHUTDOWN
ROUT+
RIN–
VDD
PVDD
ROUT–
GND
NC
GND
PWP PACKAGE
(TOP VIEW)
NC – No internal connection
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BYPASS
10
Tap to voltage divider for internal midsupply bias generator
GAIN0
2
I
Bit 0 of gain select
GAIN1
3
I
Bit 1 of gain select
GND
1, 11,
13, 20
Ground
LIN–
5
Left channel negative differential input
LIN+
9
I
Left channel positive differential input
LOUT–
8
O
Left channel negative output
LOUT+
4
O
Left channel positive output
NC
12
No connection
PVDD
6, 15
I
Supply voltage terminal
ROUT–
14
O
Right channel negative output
ROUT+
18
O
Right channel positive output
RIN–
17
I
Right channel negative differential input
RIN+
7
I
Right channel positive differential input
SHUTDOWN
19
I
Places IC in shutdown mode when held low
VDD
16
I
Supply voltage terminal


Similar Part No. - TPA6017A2PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6017A2PWPG4 TI-TPA6017A2PWPG4 Datasheet
859Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFER WITH FOUR SELECTABLE SETTINGS
More results

Similar Description - TPA6017A2PWPG4

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_15 Datasheet
828Kb / 32P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com