Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6030A4PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6030A4PWPR
Description  3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6030A4PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPA6030A4PWPR Datasheet HTML 1Page - Texas Instruments TPA6030A4PWPR Datasheet HTML 2Page - Texas Instruments TPA6030A4PWPR Datasheet HTML 3Page - Texas Instruments TPA6030A4PWPR Datasheet HTML 4Page - Texas Instruments TPA6030A4PWPR Datasheet HTML 5Page - Texas Instruments TPA6030A4PWPR Datasheet HTML 6Page - Texas Instruments TPA6030A4PWPR Datasheet HTML 7Page - Texas Instruments TPA6030A4PWPR Datasheet HTML 8Page - Texas Instruments TPA6030A4PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TPA6030A4
SLOS395B − DECEMBER 2002 − REVISED JANUARY 2005
3-W STEREO AUDIO POWER AMPLIFIER
WITH ADVANCED DC VOLUME CONTROL
FEATURES
D 3 W Into 16 Ω From 12-V Supply
D Volume Control for Speakers (BTL) and
Headphones (SE)
D Differential Inputs
D Depop Circuitry
D 1 µA Shutdown Current
D Surface-Mount Package
APPLICATIONS
D LCD Monitors and LCD TVs
D Multimedia Speakers
D Notebook Computers
DESCRIPTION
The TPA6030A4 is designed to drive 3 W into 16-Ω
speakers using a surface-mount package without the need
for an external heatsink. These features make it ideal for
15I−17I LCD monitors, small multimedia speakers, and
notebook computers.
To simplify system design, the speaker volume level is
adjusted by applying a dc voltage to the VOLUME
terminal. The delta between speaker volume and
headphone volume can be adjusted by applying a dc
voltage to the SEDIFF terminal. To avoid an unexpected
high volume level through the headphones, a third
terminal, SEMAX, limits the headphone volume level
when a dc voltage is applied. Integrated depop circuitry
and the fully differential design minimize pops, clicks, and
unwanted noise to provide a high level of audio
performance.
The device is available in a 28-pin TSSOP PowerPAD
package. The PowerPAD package is designed to
transfer heat into the ground plane, eliminating the need
for external heat sinks—minimizing solution cost and size.
From TV
From TV
From TV
From TV
VCC = 12V
System
Control
47 nF
From DAC or
Potentiometers
(DC Voltage)
Shutdown
PVcc
PVcc
R
Mux
R
Mux
L
Mux
L
Mux
Input Mux
Control
32−Step
Volume
Control
VCC/2
+
+
VCC/2
Power
Management
Vcc
Output Mode
System
Control
Gnd
5VREF
Rout +
Rout −
Lout +
Lout −
To Potentiometers
or DAC reference
Bypass
RIN1+
CLK
SEMAX
SEDIFF
VOLUME
SE/BTL
IN2/IN1
From CD
Player
From CD
Player
From CD
Player
From CD
Player
0.47 µF
220 µF
220 µF
16 Ω
16 Ω
1 kΩ
1 kΩ
Control
Depop
Circuitry
RIN2+
RIN1−
RIN2−
LIN1+
LIN2+
0.47 µF
LIN1−
LIN2−
1 µF
10 µF
100 kΩ
100 kΩ
0.47 µF
0.47 µF
0.47 µF
0.47 µF
0.47 µF
0.47 µF
0.47 µF
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright  2003, Texas Instruments Incorporated
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TPA6030A4PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6030A4PWP TI-TPA6030A4PWP Datasheet
214Kb / 27P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

Similar Description - TPA6030A4PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6030A4 TI-TPA6030A4 Datasheet
214Kb / 27P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com