Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6204A1DGN Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA6204A1DGN
Description  1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6204A1DGN Datasheet(HTML) 5 Page - Texas Instruments

  TPA6204A1DGN Datasheet HTML 1Page - Texas Instruments TPA6204A1DGN Datasheet HTML 2Page - Texas Instruments TPA6204A1DGN Datasheet HTML 3Page - Texas Instruments TPA6204A1DGN Datasheet HTML 4Page - Texas Instruments TPA6204A1DGN Datasheet HTML 5Page - Texas Instruments TPA6204A1DGN Datasheet HTML 6Page - Texas Instruments TPA6204A1DGN Datasheet HTML 7Page - Texas Instruments TPA6204A1DGN Datasheet HTML 8Page - Texas Instruments TPA6204A1DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TPA6204A1
SLOS429 − MAY 2004
www.ti.com
5
Figure 3
0
0.2
0.4
0.6
0.8
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
POWER DISSIPATION
vs
OUTPUT POWER
PO − Output Power − W
5 V
3.6 V
8
W
Figure 4
0.04
0.044
0.048
0.052
0.056
0.06
0
1
2
345
f = 1 kHz
PO = 200 mW,
RL = 1 kHz
VIC − Common Mode Input Voltage − V
TOTAL HARMONIC DISTORTION + NOISE
vs
COMMON MODE INPUT VOLTAGE
VDD = 3.6 V
VDD = 5 V
VDD = 2.5 V
Figure 5
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
10m 20m
50m 100m
200m
500m 1
2
PO − Output Power − W
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
2.5 V
3.6 V
5 V
RL = 8 Ω,
C(BYPASS) = 0 to 1 µF,
Gain = 1 V/V
f = 1kHz
Figure 6
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100 200
500
1k
2k
5k
10k
f − Frequency − Hz
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
0.1 W
0.6 W
0.25 W
VDD = 3.6 V,
RL = 8 Ω,,
C(BYPASS) = 0 to 1 µF,
Gain = 1 V/V,
CI = 2 µF


Similar Part No. - TPA6204A1DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6204A1DGN TI-TPA6204A1DGN Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6204A1DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1 Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
SeCoS Halbleitertechnol...
SPEMA2004A SECOS-SPEMA2004A Datasheet
240Kb / 5P
   1.7W Mono Fully Differential Audio Power Amplifier
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
   3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0715 ANPEC-APA0715 Datasheet
430Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA6203 HMSEMI-HMA6203 Datasheet
1,015Kb / 12P
   1.25W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com