Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6211A1DGN Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6211A1DGN
Description  3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6211A1DGN Datasheet(HTML) 4 Page - Texas Instruments

  TPA6211A1DGN Datasheet HTML 1Page - Texas Instruments TPA6211A1DGN Datasheet HTML 2Page - Texas Instruments TPA6211A1DGN Datasheet HTML 3Page - Texas Instruments TPA6211A1DGN Datasheet HTML 4Page - Texas Instruments TPA6211A1DGN Datasheet HTML 5Page - Texas Instruments TPA6211A1DGN Datasheet HTML 6Page - Texas Instruments TPA6211A1DGN Datasheet HTML 7Page - Texas Instruments TPA6211A1DGN Datasheet HTML 8Page - Texas Instruments TPA6211A1DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
OPERATING CHARACTERISTICS
TPA6211A1
SLOS367B – AUGUST 2003 – REVISED AUGUST 2004
T
A = 25°C, Gain = 1 V/V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V
2.45
THD + N= 1%, f = 1 kHz, RL = 3 Ω
VDD = 3.6 V
1.22
VDD = 2.5 V
0.49
VDD = 5 V
2.22
PO
Output power
THD + N= 1%, f = 1 kHz, RL = 4 Ω
VDD = 3.6 V
1.1
W
VDD = 2.5 V
0.47
VDD = 5 V
1.36
THD + N= 1%, f = 1 kHz, RL = 8 Ω
VDD = 3.6 V
0.72
VDD = 2.5 V
0.33
PO = 2 W
VDD = 5 V
0.045%
f = 1 kHz, RL = 3 Ω
PO = 1 W
VDD = 3.6 V
0.05%
PO = 300 mW
VDD = 2.5 V
0.06%
PO = 1.8 W
VDD = 5 V
0.03%
Total harmonic distortion plus
THD+N
f = 1 kHz, RL = 4 Ω
PO = 0.7 W
VDD = 3.6 V
0.03%
noise
PO = 300 mW
VDD = 2.5 V
0.04%
PO = 1 W
VDD = 5 V
0.02%
f = 1 kHz, RL = 8 Ω
PO = 0.5 W
VDD = 3.6 V
0.02%
PO = 200 mW
VDD = 2.5 V
0.03%
f = 217 Hz
-80
VDD = 3.6 V, Inputs ac-grounded with
kSVR
Supply ripple rejection ratio
dB
Ci = 2 µF, V(RIPPLE) = 200 mVpp
f = 20 Hz to 20 kHz
-70
SNR
Signal-to-noise ratio
VDD = 5 V, PO = 2 W, RL = 4 Ω
105
dB
No weighting
15
VDD = 3.6 V, f = 20 Hz to 20 kHz,
Vn
Output voltage noise
µVRMS
Inputs ac-grounded with Ci = 2 µF
A weighting
12
CMRR
Common mode rejection ratio
VDD = 3.6 V, VIC = 1 Vpp
f = 217 Hz
-65
dB
ZI
Input impedance
38
40
44
k
VDD = 3.6 V, No CBYPASS
4
µs
Start-up time from shutdown
VDD = 3.6 V, CBYPASS = 0.1 µF
27
ms
4


Similar Part No. - TPA6211A1DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1DGN TI-TPA6211A1DGN Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1DGN TI1-TPA6211A1DGN Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1DGN TI1-TPA6211A1DGN Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1DGNG4 TI1-TPA6211A1DGNG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1DGNG4 TI1-TPA6211A1DGNG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
More results

Similar Description - TPA6211A1DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com