Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6211A1DGNG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6211A1DGNG4
Description  3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6211A1DGNG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPA6211A1DGNG4 Datasheet HTML 1Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 2Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 3Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 4Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 5Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 6Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 7Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 8Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
0
0.5
1
1.5
2
2.5
3
3.5
2.5
3
3.5
4
4.5
5
VDD - Supply Voltage - V
f = 1 kHz
Gain = 1 V/V
PO = 3 Ω, THD 10%
PO = 4 Ω, THD 10%
PO = 3 Ω, THD 1%
PO = 4 Ω, THD 1%
PO = 8 Ω, THD 1%
PO = 8 Ω, THD 10%
RL - Load Resistance - Ω
0
0.5
1
1.5
2
2.5
3
3.5
3
8
13
18
23
28
VDD = 5 V, THD 1%
VDD = 2.5 V, THD 10%
VDD = 2.5 V, THD 1%
VDD = 5 V, THD 10%
VDD = 3.6 V, THD 10%
VDD = 3.6 V, THD 1%
f = 1 kHz
Gain = 1 V/V
TPA6211A1
SLOS367B – AUGUST 2003 – REVISED AUGUST 2004
FIGURE
vs Supply voltage
1
PO
Output power
vs Load resistance
2
PD
Power dissipation
vs Output power
3, 4
vs Output power
5, 6, 7
THD+N
Total harmonic distortion + noise
vs Frequency
8-12
vs Common-mode input voltage
13
KSVR
Supply voltage rejection ratio
vs Frequency
14, 15, 16, 17
KSVR
Supply voltage rejection ratio
vs Common-mode input voltage
18
GSM Power supply rejection
vs Time
19
GSM Power supply rejection
vs Frequency
20
vs Frequency
21
CMRR
Common-mode rejection ratio
vs Common-mode input voltage
22
Closed loop gain/phase
vs Frequency
23
Open loop gain/phase
vs Frequency
24
vs Supply voltage
25
IDD
Supply current
vs Shutdown voltage
26
Start-up time
vs Bypass capacitor
27
OUTPUT POWER
OUTPUT POWER
vs
vs
SUPPLY VOLTAGE
LOAD RESISTANCE
Figure 1.
Figure 2.
5


Similar Part No. - TPA6211A1DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1DGNG4 TI1-TPA6211A1DGNG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1DGNG4 TI1-TPA6211A1DGNG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
More results

Similar Description - TPA6211A1DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com