Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTD3861DBQRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74CBTD3861DBQRE4
Description  10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CBTD3861DBQRE4 Datasheet(HTML) 1 Page - Texas Instruments

  74CBTD3861DBQRE4 Datasheet HTML 1Page - Texas Instruments 74CBTD3861DBQRE4 Datasheet HTML 2Page - Texas Instruments 74CBTD3861DBQRE4 Datasheet HTML 3Page - Texas Instruments 74CBTD3861DBQRE4 Datasheet HTML 4Page - Texas Instruments 74CBTD3861DBQRE4 Datasheet HTML 5Page - Texas Instruments 74CBTD3861DBQRE4 Datasheet HTML 6Page - Texas Instruments 74CBTD3861DBQRE4 Datasheet HTML 7Page - Texas Instruments 74CBTD3861DBQRE4 Datasheet HTML 8Page - Texas Instruments 74CBTD3861DBQRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN74CBTD3861
10-BIT FET BUS SWITCH
WITH LEVEL SHIFTING
SCDS084G – JULY 1998 – REVISED JULY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
D Designed to Be Used in Level-Shifting
Applications
description/ordering information
The
SN74CBTD3861
provides
ten
bits
of
high-speed TTL-compatible bus switching. The
low on-state resistance of the switch allows
connections to be made with minimal propagation
delay. A diode to VCC is integrated on the die to
allow for level shifting from 5-V signals at the
device inputs to 3.3-V signals at the device
outputs.
The device is organized as one 10-bit switch with
a single output-enable (OE) input. When OE is
low, the switch is on, and port A is connected to
port B. When OE is high, the switch is open, and
the high-impedance state exists between the two
ports.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC
DW
Tube
SN74CBTD3861DW
CBTD3861
SOIC – DW
Tape and reel
SN74CBTD3861DWR
CBTD3861
40
°Cto85°C
SSOP – DB
Tape and reel
SN74CBTD3861DBR
CC861
–40
°C to 85°C
SSOP (QSOP) – DBQ
Tape and reel
SN74CBTD3861DBQR
CBTD3861
TSSOP – PW
Tape and reel
SN74CBTD3861PWR
CC861
TVSOP – DGV
Tape and reel
SN74CBTD3861DGVR
CC861
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
INPUT
OE
FUNCTION
L
A port = B port
H
Disconnect
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated
DB, DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
NC
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
NC – No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - 74CBTD3861DBQRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBTD3861DBQRE4 TI1-74CBTD3861DBQRE4 Datasheet
669Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
More results

Similar Description - 74CBTD3861DBQRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTD3861 TI-SN74CBTD3861 Datasheet
80Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861 TI1-SN74CBTD3861_15 Datasheet
669Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211 TI-SN74CBTD16211 Datasheet
87Kb / 6P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN54CBTD3384 TI-SN54CBTD3384 Datasheet
90Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCHES WITH LEVEL SHIFTING
SN74CBTD3384 TI1-SN74CBTD3384_13 Datasheet
1Mb / 21P
[Old version datasheet]   10-BIT FET BUS SWITCHES WITH LEVEL SHIFTING
SN74CBTD16210 TI-SN74CBTD16210 Datasheet
87Kb / 6P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16210DGGR TI-SN74CBTD16210DGGR Datasheet
352Kb / 12P
[Old version datasheet]   SN74CBTD16210 20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD1G384 TI-SN74CBTD1G384 Datasheet
71Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com