Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5460 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N5460
Description  JFET Amplifier P?묬hannel ??Depletion
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5460 Datasheet(HTML) 4 Page - ON Semiconductor

  2N5460_06 Datasheet HTML 1Page - ON Semiconductor 2N5460_06 Datasheet HTML 2Page - ON Semiconductor 2N5460_06 Datasheet HTML 3Page - ON Semiconductor 2N5460_06 Datasheet HTML 4Page - ON Semiconductor 2N5460_06 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2N5460, 2N5461, 2N5462
http://onsemi.com
4
1000
0.1
0.2
ID, DRAIN CURRENT (mA)
Figure 7. Output Resistance
versus Drain Current
10
0.5
1.0
2.0
5.0
10
10
0
VDS, DRAIN−SOURCE VOLTAGE (VOLTS)
Figure 8. Capacitance versus
Drain−Source Voltage
0
10
RS, SOURCE RESISTANCE (k Ohms)
Figure 9. Noise Figure versus
Source Resistance
0
Figure 10. Equivalent Low Frequency Circuit
20
30
50
70
100
200
300
500
700
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
20
30
40
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
1.0
10
100
1000
10,000
NOTE:
1. Graphical data is presented for dc conditions. Tabular
data is given for pulsed conditions (Pulse Width = 630 ms,
Duty Cycle = 10%).
*Cosp is Coss in parallel with Series Combination of Ciss and Crss.
vi
Crss
Ciss
ross
Coss
| yfs | vi
COMMON SOURCE
y PARAMETERS FOR FREQUENCIES
BELOW 30 MHz
yis = jW Ciss
yos = jW Cosp * + 1/ross
yfs = yfs |
yrs = −jW Crss
VDS = 15 V
f = 1.0 kHz
IDSS = 3.0 mA
6.0 mA
10 mA
f = 1.0 MHz
VGS = 0
Ciss
Coss
Crss
VDS = 15 V
VGS = 0
f = 100 Hz


Similar Part No. - 2N5460_06

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N5460 CENTRAL-2N5460_15 Datasheet
66Kb / 1P
   P-CHANNEL JFET
More results

Similar Description - 2N5460_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBFJ177LT1G ONSEMI-MMBFJ177LT1G_09 Datasheet
114Kb / 3P
   JFET Chopper P?묬hannel ??Depletion
August, 2009 ??Rev. 4
J110 ONSEMI-J110 Datasheet
52Kb / 4P
   JFET ??General Purpose N?묬hannel ??Depletion
November, 2005 ??Rev. 6
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
   JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
J111 ONSEMI-J111 Datasheet
85Kb / 5P
   JFET Chopper Transistors N?묬hannel - Depletion
March, 2006 ??Rev. 2
MPF4392 ONSEMI-MPF4392_06 Datasheet
75Kb / 6P
   JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
MMBFJ175LT1 ONSEMI-MMBFJ175LT1_06 Datasheet
42Kb / 2P
   JFET Chopper P-Channel - Depletion
February, 2006 ??Rev. 3
MMBFJ177LT1 ONSEMI-MMBFJ177LT1_05 Datasheet
45Kb / 3P
   JFET Chopper P-Channel - Depletion
November, 2005 ??Rev. 3
MMBFJ175LT1G ONSEMI-MMBFJ175LT1G_09 Datasheet
111Kb / 2P
   JFET Chopper P - Channel - Depletion
August, 2009 ??Rev. 5
2N5555 ONSEMI-2N5555_01 Datasheet
175Kb / 8P
   JFET Switching N-Channel - Depletion
November, 2001 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com