Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP3382X2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKP3382X2
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP3382X2 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKP3382X2 Datasheet HTML 1Page - Vishay Siliconix MKP3382X2 Datasheet HTML 2Page - Vishay Siliconix MKP3382X2 Datasheet HTML 3Page - Vishay Siliconix MKP3382X2 Datasheet HTML 4Page - Vishay Siliconix MKP3382X2 Datasheet HTML 5Page - Vishay Siliconix MKP3382X2 Datasheet HTML 6Page - Vishay Siliconix MKP3382X2 Datasheet HTML 7Page - Vishay Siliconix MKP3382X2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28119
148
Revision: 21-Nov-05
MKP 338 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
Notes
1. h = height for straight leads and h’ = height for bent back leads.
2. lt = 3.5 ± 0.3 mm for pitch = 15 mm; 22.5 mm and 27.5 mm.
3. Reel diameter
= 356 mm is available on request.
Pitch
= 15.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
reel: diameter
= 500 mm
H
= 18.5 mm; P
0 = 12.7 mm
0.01
5.0
× 11.0 × 17.5
1.2
29076
29096
1000
29116
1000
29141
1100
0.015
29078
29098
29118
29145
0.022
29081
29101
29121
29149
0.033
29083
29103
29123
29154
0.047
29085
29105
29125
29158
0.068
21683
23683
25683
29163
0.1
21104
23104
25104
29166
Pitch
= 15.0 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
reel: diameter
= 500 mm
H
= 18.5 mm; P
0 = 12.7 mm
0.15
7.0
× 13.5 × 17.5
1.9
20154
22154
750
24154
500
27154
800
0.22
8.5
× 15.0 × 17.5
2.6
20224
22224
750
24224
500
27224
650
0.33
10.0
× 16.5 × 17.5
3.1
20334
22334
500
24334
450
27334
600
Original pitch
= 15.0 mm; bent back pitch = 7.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
reel: diameter
= 500 mm(3)
H
= 16.0 mm; P
0 = 15.0 mm
0.15
7.0
× 13.5 (15.5) × 17.5
1.9
26154
700
0.22
8.5
× 15.0 (17.0) × 17.5
2.6
26224
550
0.33
10.0
× 16.5 (18.5) × 17.5
3.1
26334
500
Pitch
= 22.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
reel: diameter
= 500 mm
H
= 18.5 mm; P
0 = 12.7 mm
0.15
6.0
× 15.5 × 26.0
2.9
21154
23154
300
25154
250
29265
600
0.22
7.0
× 16.5 × 26.0
3.2
21224
23224
200
25224
250
29267
500
0.33
21334
23334
25334
29269
0.47
8.5
× 18.0 × 26.0
4.4
20474
22474
200
24474
250
27474
450
0.56
20564
22564
24564
27564
0.68
10.0
× 19.5 × 26.0
5.5
20684
22684
200
24684
200
27684
350
112.0
× 22.0 × 26.0
7.8
20105
22105
150
24105
200
27105
300
Pitch
= 27.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
reel: diameter
= 500 mm
H
= 18.5 mm; P
0 = 12.7 mm
0.47
9.0
× 19.0 × 31.0
5.5
21474
23474
100
25474
150
0.68
11.0
× 21.0 × 31.0
7.8
21684
23684
100
25684
125
1.0
21105
23105
25105
1.5
15.0
× 25.0 × 31.0
12.8
20155
22155
100
24155
125
2.2
18.0
× 28.0 × 31.0
17.2
20225
22225
100
24225
100
3.3
21.0
× 31.0 × 31.0
20.4
20335
22335
50
24335
75
C
(µF)
DIMENSIONS(1)
w
× H(h’) × L
(mm)
MASS
(g)
CATALOG NUMBER 2222 338 ..... AND PACKAGING
LOOSE IN BOX
TAPED
Short leads
long leads
lt
=
3.5
+ 1/− 0.5 mm(2)
lt
=
5.0
± 1.0 mm
SPQ
lt
=
25.0
± 2.0 mm
SPQ
SPQ


Similar Part No. - MKP3382X2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP3382X2 VISHAY-MKP3382X2 Datasheet
235Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
174Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
MKP3382X2 VISHAY-MKP3382X2_08 Datasheet
234Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 10-Nov-08
MKP3382X2 VISHAY-MKP3382X2_09 Datasheet
235Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results

Similar Description - MKP3382X2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com