Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C1168NE4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C1168NE4
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C1168NE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN75C1168NE4 Datasheet HTML 1Page - Texas Instruments SN75C1168NE4 Datasheet HTML 2Page - Texas Instruments SN75C1168NE4 Datasheet HTML 3Page - Texas Instruments SN75C1168NE4 Datasheet HTML 4Page - Texas Instruments SN75C1168NE4 Datasheet HTML 5Page - Texas Instruments SN75C1168NE4 Datasheet HTML 6Page - Texas Instruments SN75C1168NE4 Datasheet HTML 7Page - Texas Instruments SN75C1168NE4 Datasheet HTML 8Page - Texas Instruments SN75C1168NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN65C1167, SN75C1167, SN65C1168, SN75C1168
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS159E − MARCH 1993 − REVISED NOVEMBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
The SN65C1167 and SN75C1167 combine dual 3-state differential line drivers and 3-state differential line
receivers, both of which operate from a single 5-V power supply. The driver and receiver have active-high and
active-low enables, respectively, which can be connected together externally to function as direction control.
The SN65C1168 and SN75C1168 drivers have individual active-high enables.
Function Tables
EACH DRIVER
INPUT
ENABLE
OUTPUTS
INPUT
D
ENABLE
DE
Y
Z
H
H
H
L
L
H
L
H
X
L
Z
Z
SN75C1167, EACH RECEIVER
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
DIFFERENTIAL INPUTS
A − B
ENABLE
RE
OUTPUT
R
VID ≥ 0.2 V
L
H
−0.2 V < VID < 0.2 V
L
?
VID ≤ −0.2 V
L
L
X
H
Z
Open
L
H
H = high level, L = low level, ? = indeterminate,
X = irrelevant, Z = high impedance (off)
logic diagram (positive logic)
2DE
12
1DE
4
14
13
2
1
10
11
6
7
1Y
1Z
1A
1B
2Y
2Z
2A
2B
15
3
9
5
1D
1R
2D
2R
2R
2D
1R
1D
RE
DE
5
9
3
15
4
12
2B
2A
2Z
2Y
1B
1A
1Z
1Y
7
6
11
10
1
2
13
14
SN65C1168, SN75C1168
SN65C1167/SN75C1167


Similar Part No. - SN75C1168NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1168NE4 TI-SN75C1168NE4 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1168NE4 TI1-SN75C1168NE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1168NE4 TI1-SN75C1168NE4 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1168NE4 TI-SN75C1168NE4 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
More results

Similar Description - SN75C1168NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com