Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5099MTCX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN5099MTCX
Description  Wide Frequency Synchronous Buck PWM AND LDO Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5099MTCX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5099MTCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5099MTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5099MTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5099MTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5099MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5099MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5099MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5099MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5099MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5099 Rev. 1.1.3
4
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables
are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table defines the
conditions for actual device operation.(1)
Notes:
1. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only; functional operation of the device at these or any conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability. Absolute maximum ratings apply individually only, not in combination. Unless
otherwise specified, all other voltages are referenced to AGND.
2. Using Mil Std. 883E, method 3015.7 (Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
Thermal Information
3. Junction-to-ambient thermal resistance,
θJA, is a strong function of PCB material, board thickness, thickness and
number of copper planes, number of vias used, diameter of vias used, available copper surface, and attached heat
sink characteristics.
Recommended Operating Conditions
Parameter
Min.
Max.
Unit
VCC to PGND
6.0
V
BOOT to PGND
33.0
V
SW to PGND
Continuous
-0.5
33.0
V
Transient (t < 50ns, f < 500kHz)
-3.0
33.0
V
HDRV (VBOOT – VSW)
6.0
V
LDRV
-0.5
6.0
V
All Other Pins
-0.3
VCC + 0.3
V
Maximum Shunt Current for VCC
150
mA
Electrostatic Discharge (ESD) Protection
Level(2)
HBM
3.5
kV
CDM
1.8
Symbols
Parameter
Min.
Typ.
Max.
Unit
TSTG
Storage Temperature
-65
150
°C
TL
Lead Soldering Temperature, 10 Seconds
300
°C
Vapor Phase, 60 Seconds
215
°C
Infrared, 15 Seconds
220
°C
PD
Power Dissipation, TA = 25°C
715
mW
θJC
Thermal Resistance – Junction-to-Case
37
°C/W
θJA
Thermal Resistance – Junction-to-Ambient(3)
100
°C/W
Symbols
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
VCC to GND
4.5
5.0
5.5
V
TA
Ambient Temperature
Commercial
-10
85
°C
Industrial
-40
85
°C
TJ
Junction Temperature
125
°C


Similar Part No. - FAN5099MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5099MTCX FAIRCHILD-FAN5099MTCX Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
More results

Similar Description - FAN5099MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099_08 Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232B RICHTEK-RT9232B Datasheet
304Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com