Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5099MX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN5099MX
Description  Wide Frequency Synchronous Buck PWM AND LDO Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5099MX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5099MX Datasheet HTML 5Page - Fairchild Semiconductor FAN5099MX Datasheet HTML 6Page - Fairchild Semiconductor FAN5099MX Datasheet HTML 7Page - Fairchild Semiconductor FAN5099MX Datasheet HTML 8Page - Fairchild Semiconductor FAN5099MX Datasheet HTML 9Page - Fairchild Semiconductor FAN5099MX Datasheet HTML 10Page - Fairchild Semiconductor FAN5099MX Datasheet HTML 11Page - Fairchild Semiconductor FAN5099MX Datasheet HTML 12Page - Fairchild Semiconductor FAN5099MX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5099 Rev. 1.1.3
9
Typical Performance Characteristics (Continued)
VIN=12V, Vdd=5V, VOUT=1.5V, Vldo=1.2V, Iload=5A, Ildo=2A, Fosc = 300kHz, unless otherwise noted.
Figure 15. LDO Load Regulation
Figure 16. PWM Load Regulation
Figure 17. LDO Load Regulation
Figure 18. RT vs. Frequency
Figure 19. 1.5V PWM Efficiency
Figure 20. Efficiency Comparison at VIN=12V


Similar Part No. - FAN5099MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5099MX FAIRCHILD-FAN5099MX Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
More results

Similar Description - FAN5099MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099_08 Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232B RICHTEK-RT9232B Datasheet
304Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com