Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL750L12QKC Datasheet(PDF) 3 Page - Texas Instruments

Part # TL750L12QKC
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL750L12QKC Datasheet(HTML) 3 Page - Texas Instruments

  TL750L12QKC Datasheet HTML 1Page - Texas Instruments TL750L12QKC Datasheet HTML 2Page - Texas Instruments TL750L12QKC Datasheet HTML 3Page - Texas Instruments TL750L12QKC Datasheet HTML 4Page - Texas Instruments TL750L12QKC Datasheet HTML 5Page - Texas Instruments TL750L12QKC Datasheet HTML 6Page - Texas Instruments TL750L12QKC Datasheet HTML 7Page - Texas Instruments TL750L12QKC Datasheet HTML 8Page - Texas Instruments TL750L12QKC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Package Thermal Data
(1)
Recommended Operating Conditions
TL750L, TL751L SERIES
LOW-DROPOUT VOLTAGE REGULATORS
SLVS017S – SEPTEMBER 1987 – REVISED AUGUST 2005
over operating junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
Continuous input voltage
26
V
Transient input voltage(2)
TA = 25°C
60
V
Continuous reverse input voltage
–15
V
Transient reverse input voltage
t
≤ 100 ms
–50
V
TJ
Operating virtual junction temperature
150
°C
Lead temperature
1,6 mm (1/16 in) for 10 s
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The transient input voltage rating applies to the waveform shown in Figure 1.
PACKAGE
BOARD
θ
JC
θ
JA
PDIP (P)
High K, JESD 51-7
57
°C/W
85
°C/W
PowerFLEX™ (KTE)
High K, JESD 51-5
3
°C/W
23
°C/W
SOIC (D)
High K, JESD 51-7
39
°C/W
97
°C/W
TO-226/TO-92 (LP)
High K, JESD 51-7
55
°C/W
140
°C/W
TO-220 (KC)
High K, JESD 51-5
3
°C/W
19
°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
over recommended operating junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
TL75xL05
6
26
TL75xL08
9
26
VI
Input voltage
V
TL75xL10
11
26
TL75xL12
13
26
VIH
High-level ENABLE input voltage
TL75xLxx
2
15
V
TJ = 25°C
TL75xLxx
–0.3
0.8
VIL(1)
Low-level ENABLE input voltage
V
TJ = 0°C to 125°C
TL75xLxx
–0.15
0.8
IO
Output current
TL75xLxx
0
150
mA
TJ
Operating virtual junction temperature
TL75xLxxC
0
125
°C
(1)
The algebraic convention, in which the least positive (most negative) value is designated minimum, is used in this data sheet for
ENABLE voltage levels and temperature only.
3


Similar Part No. - TL750L12QKC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L12QKC TI-TL750L12QKC Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L12QKC TI-TL750L12QKC Datasheet
923Kb / 26P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L12QKC TI1-TL750L12QKC Datasheet
1Mb / 29P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L12QKC TI1-TL750L12QKC Datasheet
1Mb / 29P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TL750L12QKC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com