Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA751 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPA751
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA751 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA751_07 Datasheet HTML 7Page - Texas Instruments TPA751_07 Datasheet HTML 8Page - Texas Instruments TPA751_07 Datasheet HTML 9Page - Texas Instruments TPA751_07 Datasheet HTML 10Page - Texas Instruments TPA751_07 Datasheet HTML 11Page - Texas Instruments TPA751_07 Datasheet HTML 12Page - Texas Instruments TPA751_07 Datasheet HTML 13Page - Texas Instruments TPA751_07 Datasheet HTML 14Page - Texas Instruments TPA751_07 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TPA751
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
WITH DIFFERENTIAL INPUTS
SLOS336C – DECEMBER 2000 – REVISED OCTOBER 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 19
f – Frequency – Hz
OUTPUT NOISE VOLTAGE
vs
FREQUENCY
20
1k
10k
10
1
100
20k
100
VO BTL
VDD = 3.3 V
BW = 22 Hz to 22 kHz
RL = 8 Ω or 32 Ω
AV = –1 V/V
VO+
Figure 20
f – Frequency – Hz
OUTPUT NOISE VOLTAGE
vs
FREQUENCY
20
1k
10k
10
1
100
20k
100
VDD = 5 V
BW = 22 Hz to 22 kHz
RL = 8 Ω or 32 Ω
AV = –1 V/V
VO BTL
VO+
Figure 21
PD – Output Power – mW
POWER DISSIPATION
vs
OUTPUT POWER
600
0
150
100
50
0
350
200
250
300
RL = 8 Ω
200
400
RL = 32 Ω
VDD = 3.3 V
Figure 22
PD – Output Power – mW
POWER DISSIPATION
vs
OUTPUT POWER
400
600
0
1000
400
300
100
0
800
500
700
600
200
RL = 32 Ω
200
800
VDD = 5 V
RL = 8 Ω


Similar Part No. - TPA751_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA751D TI-TPA751D Datasheet
362Kb / 23P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751DGN TI-TPA751DGN Datasheet
362Kb / 23P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751GQS TI-TPA751GQS Datasheet
362Kb / 23P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_15 Datasheet
745Kb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results

Similar Description - TPA751_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA741 TI-TPA741_07 Datasheet
695Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_07 Datasheet
724Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_15 Datasheet
745Kb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751 Datasheet
362Kb / 23P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731 Datasheet
343Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_15 Datasheet
1Mb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com