Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2000D1GQCR Datasheet(PDF) 3 Page - Texas Instruments

Part # TPA2000D1GQCR
Description  2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D1GQCR Datasheet(HTML) 3 Page - Texas Instruments

  TPA2000D1GQCR Datasheet HTML 1Page - Texas Instruments TPA2000D1GQCR Datasheet HTML 2Page - Texas Instruments TPA2000D1GQCR Datasheet HTML 3Page - Texas Instruments TPA2000D1GQCR Datasheet HTML 4Page - Texas Instruments TPA2000D1GQCR Datasheet HTML 5Page - Texas Instruments TPA2000D1GQCR Datasheet HTML 6Page - Texas Instruments TPA2000D1GQCR Datasheet HTML 7Page - Texas Instruments TPA2000D1GQCR Datasheet HTML 8Page - Texas Instruments TPA2000D1GQCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TPA2000D1
SLOS328F – JUNE 2000 – REVISED MARCH 2004
TERMINAL FUNCTIONS
TERMINAL
NO.
I/O
DESCRIPTION
NAME
GQC
PW
A3 - A5,
B2 - B6
AGND
15
I
Analog ground
C2 - C6
D2 - D4
BYPASS
A6
16
I
Connect capacitor to ground for BYPASS voltage filtering.
COSC
B7
14
I
Connect capacitor to ground to set oscillation frequency.
GAIN0
C1
4
I
Bit 0 of gain control (TTL logic level)
GAIN1
D1
5
I
Bit 1 of gain control (TTL logic level)
INN
A1
2
I
Negative differential input
INP
A2
1
I
Positive differential input
OUTN
G7
10
O
Negative BTL output
OUTP
G1
7
O
Positive BTL output
D5, D6
E2 - E6
PGND
8, 9
I
High-current grounds
F2 - F6
G2 - G6
E1, E7,
PVDD
6, 11
I
High-current power supplies
F1, F7
ROSC
C7
13
I
Connect resistor to ground to set oscillation frequency.
Places the amplifier in shutdown mode if a TTL logic low is placed on this terminal, and
SHUTDOWN
B1
3
I
normal operation if a TTL logic high is placed on this terminal.
VDD
D7
12
I
Analog power supply
over operating free-air temperature range (unless otherwise noted)(1)
UNITS
Supply voltage
VDD, PVDD
-0.3 V to 5.5 V
Input voltage, VI
-0.3 V to VDD +0.3 V
Continuous total power dissipation
(See Dissipation Rating Table)
Operating free-air temperature range, TA
-40
°C to 85°C
Operating junction temperature range, TJ
-40
°C to 150°C
Storage temperature range, Tstg
-65
°C to 150°C
Lead temperature 1, 6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PW
774 mW
6.19 mW/
°C
495 mW
402 mW
GQC
2.61 W
20.9 mW/
°C
1.67 W
1.36 W
3


Similar Part No. - TPA2000D1GQCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1GQC TI-TPA2000D1GQC Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2000D1GQCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com