Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA741DGNR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA741DGNR
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA741DGNR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA741DGNR Datasheet HTML 2Page - Texas Instruments TPA741DGNR Datasheet HTML 3Page - Texas Instruments TPA741DGNR Datasheet HTML 4Page - Texas Instruments TPA741DGNR Datasheet HTML 5Page - Texas Instruments TPA741DGNR Datasheet HTML 6Page - Texas Instruments TPA741DGNR Datasheet HTML 7Page - Texas Instruments TPA741DGNR Datasheet HTML 8Page - Texas Instruments TPA741DGNR Datasheet HTML 9Page - Texas Instruments TPA741DGNR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.ti.com
VDD − Supply Voltage − V
20
10
0
3
4
3.5
4.5
60
5
30
SHUTDOWN = VDD
RF = 10 k
40
50
5.5
2.5
70
80
90
VDD − Supply Voltage − V
600
400
200
0
2.5
3.5
3
4
5.5
1000
4.5
5
800
THD+N 1%
f = 1 kHz
RL = 32 Ω
RL = 8 Ω
RL − Load Resistance − Ω
300
200
100
0
16
32
24
40
64
800
8
48
56
400
THD+N = 1%
f = 1 kHz
VDD = 5 V
500
600
VDD = 3.3 V
700
f − Frequency − Hz
AV = −2 V/V
VDD = 3.3 V
PO = 250 mW
RL = 8 Ω
20
1k
10k
1
0.01
10
0.1
20k
100
AV = −20 V/V
AV = −10 V/V
TPA741
SLOS316C – JUNE 2000 – REVISED JUNE 2004
SUPPLY CURRENT
OUTPUT POWER
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 4.
Figure 5.
OUTPUT POWER
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
LOAD RESISTANCE
FREQUENCY
Figure 6.
Figure 7.
6


Similar Part No. - TPA741DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA741DGN TI-TPA741DGN Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results

Similar Description - TPA741DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA731 TI-TPA731_07 Datasheet
724Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_15 Datasheet
745Kb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751 Datasheet
362Kb / 23P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_07 Datasheet
919Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731 Datasheet
343Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_15 Datasheet
1Mb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com