Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA1517NEE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPA1517NEE4
Description  6-W STEREO AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA1517NEE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA1517NEE4 Datasheet HTML 6Page - Texas Instruments TPA1517NEE4 Datasheet HTML 7Page - Texas Instruments TPA1517NEE4 Datasheet HTML 8Page - Texas Instruments TPA1517NEE4 Datasheet HTML 9Page - Texas Instruments TPA1517NEE4 Datasheet HTML 10Page - Texas Instruments TPA1517NEE4 Datasheet HTML 11Page - Texas Instruments TPA1517NEE4 Datasheet HTML 12Page - Texas Instruments TPA1517NEE4 Datasheet HTML 13Page - Texas Instruments TPA1517NEE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
VCC - Supply Voltage - V
4
2
0
8
9
10
11
12
13
14
6
8
15
16
17
18
RL = 4 Ω
RL = 8 Ω
THD < 1%
VCC = 14.5 V
VCC = 12 V
THD < 1%
3
2
1
0
2 4
6
8
14 16
20
4
5
6
22 24
28
32
10 12
18
26
30
RL - Load Resistance - Ω
2
1.5
1
0.5
0
1
2
3
2.5
3
3.5
4
5
6
VCC = 12 V
RL = 4 Ω
RL = 8 Ω
PO - Output Power - W
2
1.5
1
0.5
0
1
2
3
2.5
3
3.5
4
5
6
VCC = 14.5 V
RL = 4 Ω
PO - Output Power - W
RL = 8 Ω
TPA1517
SLOS162D – MARCH 1997 – REVISED FEBRUARY 2007
OUTPUT POWER
OUTPUT POWER
vs
vs
SUPPLY VOLTAGE
LOAD RESISTANCE
Figure 19.
Figure 20.
POWER DISSIPATION
POWER DISSIPATION
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 21.
Figure 22.
10
Submit Documentation Feedback


Similar Part No. - TPA1517NEE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA1517NEE4 TI1-TPA1517NEE4 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA1517NEE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com