Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2005D1-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2005D1-Q1
Description  1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2005D1-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPA2005D1-Q1 Datasheet HTML 1Page - Texas Instruments TPA2005D1-Q1 Datasheet HTML 2Page - Texas Instruments TPA2005D1-Q1 Datasheet HTML 3Page - Texas Instruments TPA2005D1-Q1 Datasheet HTML 4Page - Texas Instruments TPA2005D1-Q1 Datasheet HTML 5Page - Texas Instruments TPA2005D1-Q1 Datasheet HTML 6Page - Texas Instruments TPA2005D1-Q1 Datasheet HTML 7Page - Texas Instruments TPA2005D1-Q1 Datasheet HTML 8Page - Texas Instruments TPA2005D1-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
V
V
2
142 kW
R
I
2
158 kW
R
I
2
150 kW
R
I
OPERATING CHARACTERISTICS
TPA2005D1-Q1
SLOS474 – AUGUST 2005
T
A = -40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage
|VOS|
VI = 0 V, AV = 2 V/V, VDD = 2.5 V to 5.5 V
25
mV
(measured differentially)
PSRR
Power-supply rejection ratio
VDD = 2.5 V to 5.5 V
-75
-55
dB
VDD = 2.5 V to 5.5 V,
TA = 25°C
-68
-49
CMRR
Common-mode rejection ratio
VIC = VDD/2 to 0.5 V,
dB
TA = -40°C to 85°C
-35
VIC = VDD/2 to VDD - 0.8 V
|IIH|
High-level input current
VDD = 5.5 V, VI = 5.8 V
50
µA
|IIL|
Low-level input current
VDD = 5.5 V, VI = 0.3 V
4
µA
VDD = 5.5 V, no load
3.4
4.5
I(Q)
Quiescent current
VDD = 3.6 V, no load
2.8
mA
VDD = 2.5 V, no load
2.2
3.2
I(SD)
Shutdown current
V(SHUTDOWN) = 0.8 V, VDD = 2.5 V to 5.5 V
0.5
2
µA
VDD = 2.5 V
770
Static drain-source
rDS(on)
VDD = 3.6 V
590
m
on-state resistance
VDD = 5.5 V
500
Output impedance in
V(SHUTDOWN) = 0.8 V
>1
k
SHUTDOWN
f(sw)
Switching frequency
VDD = 2.5 V to 5.5 V
200
250
300
kHz
Gain
T
A = 25°C, Gain = 2 V/V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIOINS
MIN
TYP
MAX
UNIT
VDD = 5 V
1.18
THD + N= 1%, f = 1 kHz,
VDD = 3.6 V
0.58
W
RL = 8 Ω
VDD = 2.5 V
0.26
PO
Output power
VDD = 5 V
1.45
THD + N= 10%, f = 1 kHz,
VDD = 3.6 V
0.75
W
RL = 8 Ω
VDD = 2.5 V
0.35
PO = 1 W, f = 1 kHz, RL = 8 Ω
VDD = 5 V
0.18%
Total harmonic distortion plus
THD+N
PO = 0.5 W, f = 1 kHz, RL = 8 Ω
VDD = 3.6 V
0.19%
noise
PO = 200 mW, f = 1 kHz, RL = 8 Ω
VDD = 2.5 V
0.20%
f = 217 Hz, V(RIPPLE) = 200 mVpp,
kSVR
Supply ripple rejection ratio
VDD = 3.6 V
-71
dB
Inputs ac-grounded with Ci = 2 µF
SNR
Signal-to-noise ratio
PO= 1 W, RL = 8 Ω
VDD = 5 V
97
dB
No weighting
48
VDD = 3.6 V, f = 20 Hz to 20 kHz,
Vn
Output voltage noise
µV
RMS
Inputs ac-grounded with Ci = 2 µF
A weighting
36
CMRR
Common-mode rejection ratio
VIC = 1 Vpp , f = 217 Hz
VDD = 3.6 V
-63
dB
ZI
Input impedance
142
150
158
k
Start-up time from shutdown
VDD = 3.6 V
9
ms
3


Similar Part No. - TPA2005D1-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2005D1-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com