Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2010D1YZFR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2010D1YZFR
Description  2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2010D1YZFR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA2010D1YZFR Datasheet HTML 5Page - Texas Instruments TPA2010D1YZFR Datasheet HTML 6Page - Texas Instruments TPA2010D1YZFR Datasheet HTML 7Page - Texas Instruments TPA2010D1YZFR Datasheet HTML 8Page - Texas Instruments TPA2010D1YZFR Datasheet HTML 9Page - Texas Instruments TPA2010D1YZFR Datasheet HTML 10Page - Texas Instruments TPA2010D1YZFR Datasheet HTML 11Page - Texas Instruments TPA2010D1YZFR Datasheet HTML 12Page - Texas Instruments TPA2010D1YZFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.ti.com
APPLICATION INFORMATION
FULLY DIFFERENTIAL AMPLIFIER
Advantages of Fully DIfferential Amplifiers
COMPONENT SELECTION
Input Resistors (RI)
Gain +
2 x 150 kW
R
I
V
V
(1)
TPA2010D1
SLOS417B – OCTOBER 2003 – REVISED JULY 2006
The TPA2010D1 is a fully differential amplifier with differential inputs and outputs. The fully differential amplifier
consists of a differential amplifier and a common-mode amplifier. The differential amplifier ensures that the
amplifier outputs a differential voltage on the output that is equal to the differential input times the gain. The
common-mode feedback ensures that the common-mode voltage at the output is biased around VDD/2
regardless of the common-mode voltage at the input. The fully differential TPA2010D1 can still be used with a
single-ended input; however, the TPA2010D1 should be used with differential inputs when in a noisy
environment, like a wireless handset, to ensure maximum noise rejection.
Input-coupling capacitors not required:
– The fully differential amplifier allows the inputs to be biased at voltage other than mid-supply. For example,
if a codec has a midsupply lower than the midsupply of the TPA2010D1, the common-mode feedback
circuit will adjust, and the TPA2010D1 outputs will still be biased at midsupply of the TPA2010D1. The
inputs of the TPA2010D1 can be biased from 0.5 V to VDD– 0.8 V. If the inputs are biased outside of that
range, input-coupling capacitors are required.
Midsupply bypass capacitor, C(BYPASS), not required:
– The fully differential amplifier does not require a bypass capacitor. This is because any shift in the
midsupply affects both positive and negative channels equally and cancels at the differential output.
Better RF-immunity:
– GSM handsets save power by turning on and shutting off the RF transmitter at a rate of 217 Hz. The
transmitted signal is picked-up on input and output traces. The fully differential amplifier cancels the signal
much better than the typical audio amplifier.
Figure 27 shows the TPA2010D1 typical schematic with differential inputs and Figure 28 shows the TPA2010D1
with differential inputs and input capacitors, and Figure 29 shows the TPA2010D1 with single-ended inputs.
Differential inputs should be used whenever possible because the single-ended inputs are much more
susceptible to noise.
Table 1. Typical Component Values
REF DES
VALUE
EIA SIZE
MANUFACTURER
PART NUMBER
RI
150 k
Ω (±0.5%)
0402
Panasonic
ERJ2RHD154V
CS
1 µF (+22%, -80%)
0402
Murata
GRP155F50J105Z
CI(1)
3.3 nF (
±10%)
0201
Murata
GRP033B10J332K
(1)
CI is only needed for single-ended input or if VICM is not between 0.5 V and VDD– 0.8 V. CI = 3.3 nF
(with RI = 150 kΩ) gives a high-pass corner frequency of 321 Hz.
The input resistors (RI) set the gain of the amplifier according to Equation 1.
Resistor matching is very important in fully differential amplifiers. The balance of the output on the reference
voltage depends on matched ratios of the resistors. CMRR, PSRR, and cancellation of the second harmonic
distortion diminish if resistor mismatch occurs. Therefore, it is recommended to use 1% tolerance resistors or
better to keep the performance optimized. Matching is more important than overall tolerance. Resistor arrays
with 1% matching can be used with a tolerance greater than 1%.
Place the input resistors very close to the TPA2010D1 to limit noise injection on the high-impedance nodes.
For optimal performance the gain should be set to 2 V/V or lower. Lower gain allows the TPA2010D1 to operate
at its best, and keeps a high voltage at the input making the inputs less susceptible to noise.
9
Submit Documentation Feedback


Similar Part No. - TPA2010D1YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2010D1YZFR TI1-TPA2010D1YZFR Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
More results

Similar Description - TPA2010D1YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com