Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2010D1YZFT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2010D1YZFT
Description  2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2010D1YZFT Datasheet(HTML) 4 Page - Texas Instruments

  TPA2010D1YZFT Datasheet HTML 1Page - Texas Instruments TPA2010D1YZFT Datasheet HTML 2Page - Texas Instruments TPA2010D1YZFT Datasheet HTML 3Page - Texas Instruments TPA2010D1YZFT Datasheet HTML 4Page - Texas Instruments TPA2010D1YZFT Datasheet HTML 5Page - Texas Instruments TPA2010D1YZFT Datasheet HTML 6Page - Texas Instruments TPA2010D1YZFT Datasheet HTML 7Page - Texas Instruments TPA2010D1YZFT Datasheet HTML 8Page - Texas Instruments TPA2010D1YZFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
_
+
_
+
_
+
_
+
150 k
150 k
_
+
_
+
Deglitch
Logic
Deglitch
Logic
Gate
Drive
Gate
Drive
VDD
OC
Detect
Startup
Protection
Logic
Ramp
Generator
Biases
and
References
TTL
Input
Buffer
SD
*Gain = 2 V/V
B1, B2
VDD
A3
VO-
C3
VO+
A2, B3
GND
C1
IN-
A1
IN+
C2
SHUTDOWN
300 k
Notes:
* Total gain =
150 k
RI
2 x
150 k
RI
*Gain =
TPA2010D1
SLOS417B – OCTOBER 2003 – REVISED JULY 2006
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
YEF, YZF
IN–
C1
I
Negative differential input
IN+
A1
I
Positive differential input
VDD
B1
I
Power supply
VO+
C3
O
Positive BTL output
GND
A2, B3
I
High-current ground
VO-
A3
O
Negative BTL output
SHUTDOWN
C2
I
Shutdown terminal (active low logic)
PVDD
B2
I
Power supply
4
Submit Documentation Feedback


Similar Part No. - TPA2010D1YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2010D1YZFT TI1-TPA2010D1YZFT Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
More results

Similar Description - TPA2010D1YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com