Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3002D2PHPRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPA3002D2PHPRG4
Description  9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3002D2PHPRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA3002D2PHPRG4 Datasheet HTML 7Page - Texas Instruments TPA3002D2PHPRG4 Datasheet HTML 8Page - Texas Instruments TPA3002D2PHPRG4 Datasheet HTML 9Page - Texas Instruments TPA3002D2PHPRG4 Datasheet HTML 10Page - Texas Instruments TPA3002D2PHPRG4 Datasheet HTML 11Page - Texas Instruments TPA3002D2PHPRG4 Datasheet HTML 12Page - Texas Instruments TPA3002D2PHPRG4 Datasheet HTML 13Page - Texas Instruments TPA3002D2PHPRG4 Datasheet HTML 14Page - Texas Instruments TPA3002D2PHPRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TPA3002D2
SLOS402C − DECEMBER 2002 − REVISED JANUARY 2004
www.ti.com
11
Figure 5
1.5
1.0
0.5
0
0
5
10
15
2.0
SUPPLY CURRENT
vs
OUTPUT POWER
2.5
20
PO − Output Power − W
VCC = 12 V,
MODE = 2 V,
Class-D,
Stereo,
TA = 25°C
8
16
Figure 6
1.4
1
0.6
0.4
8.5
9
10
11
1.6
1.8
SHUTDOWN SUPPLY CURRENT
vs
SUPPLY VOLTAGE
2.2
12
13
14
0.8
1.2
2
VCC − Supply Voltage − V
SD = 0 V
No Load
Figure 7
60
40
20
0
−50
−30
−10
10
80
100
120
30
50
Gain − dB
INPUT RESISTANCE
vs
GAIN
Class-D
Figure 8
f − Frequency − Hz
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
20
100
1k
10k
0.01
0.1
1
VCC = 8 V
RL = 8 Ω
Gain = +36 dB
Class-D
PO = 0.25 W
PO = 1.5 W
PO = 3 W


Similar Part No. - TPA3002D2PHPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3002D2PHP TI-TPA3002D2PHP Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TPA3002D2PHPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com