Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC93M96 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC93M96
Description  High-Speed CMOS Logic 4-Bit Binary Ripple Counter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC93M96 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC93M96 Datasheet HTML 2Page - Texas Instruments CD74HC93M96 Datasheet HTML 3Page - Texas Instruments CD74HC93M96 Datasheet HTML 4Page - Texas Instruments CD74HC93M96 Datasheet HTML 5Page - Texas Instruments CD74HC93M96 Datasheet HTML 6Page - Texas Instruments CD74HC93M96 Datasheet HTML 7Page - Texas Instruments CD74HC93M96 Datasheet HTML 8Page - Texas Instruments CD74HC93M96 Datasheet HTML 9Page - Texas Instruments CD74HC93M96 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
HCT TYPES
Propagation Delay Time
tPLH, tPHL
CL = 50pF
4.5
-
-
34
-
43
-
51
ns
CP0 to Q0
CL = 15pF
5
-
14
-
----
ns
CP1 to Q1
tPLH, tPHL CL = 50pF
4.5
-
-
34
-
43
-
51
ns
CL = 15pF
5
-
-
-
----
ns
CP1 to Q2
tPLH, tPHL CL = 50pF
4.5
-
-
46
-
58
-
69
ns
CL = 15pF
5
-
-
-
----
ns
CP1 to Q3
tPLH, tPHL CL = 50pF
4.5
-
-
58
-
73
-
87
ns
CL = 15pF
5
-
24
-
----
ns
MR1, MR2 to Qn
tPLH, tPHL CL = 50pF
4.5
-
-
33
-
41
-
50
ns
CL = 15pF
5
-
13
-
----
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
CPD
-
-
-
25
-
----
pF
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
FIGURE 1. HC SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
FIGURE 2. HCT SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
trCL
tfCL
GND
VCC
GND
VCC
50%
90%
10%
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
VCC
50%
50%
90%
10%
50%
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
tH(H)
trCL
tfCL
GND
3V
GND
3V
1.3V
2.7V
0.3V
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
3V
1.3V
1.3V
1.3V
90%
10%
1.3V
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
1.3V
tH(H)
1.3V
CD74HC93, CD74HCT93


Similar Part No. - CD74HC93M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC93M96 TI-CD74HC93M96 Datasheet
260Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93M96 TI-CD74HC93M96 Datasheet
381Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93M96E4 TI-CD74HC93M96E4 Datasheet
260Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93M96G4 TI-CD74HC93M96G4 Datasheet
260Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Ripple Counter
More results

Similar Description - CD74HC93M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC93 TI-CD74HC93_07 Datasheet
260Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93 TI-CD74HC93 Datasheet
48Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93 TI-CD74HC93_08 Datasheet
381Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_07 Datasheet
440Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_08 Datasheet
470Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_06 Datasheet
290Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC4024 TI-CD74HC4024 Datasheet
40Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024 Datasheet
283Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
logo
NXP Semiconductors
74HC93 PHILIPS-74HC93 Datasheet
45Kb / 7P
   4-bit binary ripple counter
December 1990
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com