Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7820ABV Datasheet(PDF) 10 Page - STMicroelectronics

Part # L7820ABV
Description  Precision 1A regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7820ABV Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L7820ABV Datasheet HTML 6Page - STMicroelectronics L7820ABV Datasheet HTML 7Page - STMicroelectronics L7820ABV Datasheet HTML 8Page - STMicroelectronics L7820ABV Datasheet HTML 9Page - STMicroelectronics L7820ABV Datasheet HTML 10Page - STMicroelectronics L7820ABV Datasheet HTML 11Page - STMicroelectronics L7820ABV Datasheet HTML 12Page - STMicroelectronics L7820ABV Datasheet HTML 13Page - STMicroelectronics L7820ABV Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Electrical characteristics
L7800AB/AC series
10/28
Table 7.
Electrical characteristics of L7812A (VI = 19V, IO=1A, TJ = 0 to 150°C (L7812AC),
TJ = -40 to 125°C (L7812AB), unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
11.75
12
12.25
V
VO
Output voltage
IO = 5mA to 1A, PO ≤15W
VI = 14.8 to 27V
11.5
12
12.5
V
∆VO (1) Line regulation
VI = 14.8 to 30V, IO = 500 mA
13
120
mV
VI = 16 to 12V
16
120
mV
VI = 16 to 12V, TJ = 25°C
6
60
mV
VI = 14.5 to 27V, TJ = 25°C
13
120
mV
∆VO (1) Load regulation
IO = 5mA to 1A
25
100
mV
IO = 5mA to 1.5A, TJ = 25°C
30
100
V
IO = 250 to 750mA
10
50
V
Iq
Quiescent current
TJ = 25°C
4.4
6
mA
6mA
∆Iq
Quiescent current change
VI = 15 to 30V, IO = 500 mA
0.8
mA
VI = 14.8 to 27V, TJ = 25°C
0.8
mA
IO = 5mA to 1A
0.5
mA
SVR
Supply voltage rejection
VI = 15 to 25V, f = 120Hz, IO = 500mA
60
dB
Vd
Dropout voltage
IO = 1A, TJ = 25°C
2
V
eN
Output noise voltage
TA = 25°C, B =10Hz to 100KHz
10
µV/VO
RO
Output resistance
f =1KHz
18
m
Isc
Short circuit current
VI = 35V, TA = 25°C
0.2
A
Iscp
Short circuit peak current
TJ = 25°C
2.2
A
∆VO/∆T Output voltage drift
-1
mV/°C
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.


Similar Part No. - L7820ABV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7820ABV STMICROELECTRONICS-L7820ABV Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
More results

Similar Description - L7820ABV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7800AB STMICROELECTRONICS-L7800AB Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
logo
Rohm
BA17805CP-E2 ROHM-BA17805CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 1A Output 78 series Regulators
logo
Global Mixed-mode Techn...
G78MXX GMT-G78MXX Datasheet
78Kb / 1P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
SE8117 ETC-SE8117 Datasheet
162Kb / 5P
   1A Positive Voltage Regulators
logo
ACE Technology Co., LTD...
ACE1117 ACE-ACE1117_12 Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE1117 ACE-ACE1117 Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
logo
Seaward Electronics Inc...
SE8117B SEAWARD-SE8117B Datasheet
407Kb / 7P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
CYT8117 ETC2-CYT8117 Datasheet
1Mb / 6P
   1A Positive Voltage Regulators
logo
E-CMOS Corporation
EC50117E E-CMOS-EC50117E Datasheet
637Kb / 6P
   1A Positive Voltage Regulators
logo
Seaward Electronics Inc...
SE8117 SEAWARD-SE8117 Datasheet
361Kb / 8P
   1A Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com