Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2301 Datasheet(PDF) 3 Page - International Rectifier

Part # IR2301
Description  HIGH AND LOW SIDE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2301 Datasheet(HTML) 3 Page - International Rectifier

  IR2301 Datasheet HTML 1Page - International Rectifier IR2301 Datasheet HTML 2Page - International Rectifier IR2301 Datasheet HTML 3Page - International Rectifier IR2301 Datasheet HTML 4Page - International Rectifier IR2301 Datasheet HTML 5Page - International Rectifier IR2301 Datasheet HTML 6Page - International Rectifier IR2301 Datasheet HTML 7Page - International Rectifier IR2301 Datasheet HTML 8Page - International Rectifier IR2301 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IR2301(S) & (PbF)
www.irf.com
3
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF, TA = 25°C.
Symbol
Definition
Min.
Typ.
Max. Units Test Conditions
ton
Turn-on propagation delay
220
300
VS = 0V
toff
Turn-off propagation delay
200
280
VS = 0V or 600V
MT
Delay matching, HS & LS turn-on/off
0
50
tr
Turn-on rise time
130
220
VS = 0V
tf
Turn-off fall time
50
80
VS = 0V
nsec
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V, and TA = 25°C unless otherwise specified. The VIL, VIH and IIN parameters are referenced to
COM and are applicable to the respective input leads. The VO, IO and Ron parameters are referenced to COM and are
applicable to the respective output leads: HO and LO.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage
2.9
VCC = 10V to 20V
VIL
Logic “0” input voltage
0.8
VCC = 10V to 20V
VOH
High level output voltage, VBIAS - VO
0.8
1.4
IO = 20 mA
VOL
Low level output voltage, VO
0.3
0.6
IO = 20 mA
ILK
Offset supply leakage current
50
VB = VS = 600V
IQBS
Quiescent VBS supply current
20
60
100
VIN = 0V or 5V
IQCC
Quiescent VCC supply current
50
120
190
VIN = 0V or 5V
IIN+
Logic “1” input bias current
5
20
VIN = 5V
IIN-
Logic “0” input bias current
2
VIN = 0V
VCCUV+
VCC and VBS supply undervoltage positive
3.3
4.1
5
VBSUV+
going threshold
VCCUV-
VCC and VBS supply undervoltage negative
3
3.8
4.7
VBSUV-
negative going threshold
VCCUVH
Hysteresis
0.1
0.3
VBSUVH
IO+
Output high short circuit pulsed current
120
200
VO = 0V,
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
250
350
VO = 15V,
PW
≤ 10 µs
V
µA
mA
V


Similar Part No. - IR2301

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2301 IRF-IR2301 Datasheet
195Kb / 18P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2301 INFINEON-IR2301 Datasheet
193Kb / 18P
   HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60201 Rev.D
IR2301S INFINEON-IR2301S Datasheet
193Kb / 18P
   HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60201 Rev.D
logo
International Rectifier
IR2301 IRF-IR2301_15 Datasheet
195Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results

Similar Description - IR2301

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com