Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65051 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS65051
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65051 Datasheet(HTML) 4 Page - Texas Instruments

  TPS65051 Datasheet HTML 1Page - Texas Instruments TPS65051 Datasheet HTML 2Page - Texas Instruments TPS65051 Datasheet HTML 3Page - Texas Instruments TPS65051 Datasheet HTML 4Page - Texas Instruments TPS65051 Datasheet HTML 5Page - Texas Instruments TPS65051 Datasheet HTML 6Page - Texas Instruments TPS65051 Datasheet HTML 7Page - Texas Instruments TPS65051 Datasheet HTML 8Page - Texas Instruments TPS65051 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
www.ti.com
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
V
CC = VINDCDC1/2 = 3.6 V, EN = VCC, MODE = GND, L = 2.2 µH, CO = 10 µF. TA = -40°C to 85°C, typical values are at
T
A = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EN_DCDC1, EN_DCDC2, DEFDCDC2, DEFLDO1, DEFLDO2, DEFLDO3, DEFLDO4, EN_LDO1, EN_LDO2, EN_LDO3, EN_LDO4
MODE/DATA, EN_DCDC1, EN_DCDC2,
DEFDCDC2, DEFLDO1, DEFLDO2, DEFLDO3,
VIH
High-level input voltage
1.2
VCC
V
DEFLDO4, EN_LDO1, EN_LDO2, EN_LDO3,
EN_LDO4
MODE/DATA, EN_DCDC1, EN_DCDC2, DEFLDO1,
VIL
Low-level input voltage
DEFLDO2, DEFLDO3, DEFLDO4, EN_LDO1,
0
0.4
V
EN_LDO2, EN_LDO3, EN_LDO4, DEFDCDC2
MODE/DATA = GND or VI
MODE/DATA, EN_DCDC1, EN_DCDC2,
DEFDCDC2, DEFLDO1, DEFLDO2, DEFLDO3,
0.01
1
µA
DEFLDO4, EN_LDO1, EN_LDO2, EN_LDO3,
IlB
Input bias current
EN_LDO4
TPS65051 and TPS65052 only
V_FB_LDOx = 1 V
100
nA
FB_LDO1, FB_LDO2, FB_LDO3, FB_LDO4
POWER SWITCH
VINDCDC1/2 = 3.6 V
280
630
DCDC1
VINDCDC1/2 = 2.5 V
400
rDS(on)
P-channel MOSFET on resistance
m
VINDCDC1/2 = 3.6 V
280
630
DCDC2
VINDCDC1/2 = 2.5 V
400
Ilkg
P-channel leakage current
VDCDCx = V(DS) = 6 V
1
µA
VINDCDC1/2 = 3.6 V
220
450
DCDC1
VINDCDC1/2 = 2.5 V
320
rDS(on)
N-channel MOSFET on resistance
m
VINDCDC1/2 = 3.6 V
220
450
DCDC2
VINDCDC1/2 = 2.5 V
320
Ilkg
N-channel leakage current
VDCDCx = V(DS) = 6 V
7
10
µA
TPS65050
0.85
1
1.15
TPS65054
2.5 V
≤ VINDCDC1/2 ≤ 6
Forward Current Limit
DCDC1:
A
V
PMOS (High-Side)
TPS65051, TPS65052,
I(LIMF)
1.19
1.4
1.65
and NMOS (Low
TPS65056
side)
2.5 V
≤ VINDCDC1/2 ≤ 6
DCDC2:
TPS65050 - TPS65056
0.85
1
1.15
A
V
Thermal shutdown
Increasing junction temperature
150
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
OSCILLATOR
fSW
Oscillator frequency
2.025
2.25
2.475
MHz
4
Submit Documentation Feedback


Similar Part No. - TPS65051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65051 TI-TPS65051 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65051 TI1-TPS65051 Datasheet
1Mb / 40P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
TPS65051-Q1 TI1-TPS65051-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
TPS65051QRSMRQ1 TI1-TPS65051QRSMRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
TPS65051RSMR TI-TPS65051RSMR Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
More results

Similar Description - TPS65051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65050 TI-TPS65050_07 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050-Q1 TI1-TPS65050-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
TPS65053 TI-TPS65053 Datasheet
899Kb / 29P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532 TI1-TPS650532 Datasheet
1,007Kb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650531RGET TI-TPS650531RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65053-Q1 TI1-TPS65053-Q1 Datasheet
832Kb / 26P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532RGET TI1-TPS650532RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com