Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65050RSMR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65050RSMR
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65050RSMR Datasheet(HTML) 2 Page - Texas Instruments

  TPS65050RSMR Datasheet HTML 1Page - Texas Instruments TPS65050RSMR Datasheet HTML 2Page - Texas Instruments TPS65050RSMR Datasheet HTML 3Page - Texas Instruments TPS65050RSMR Datasheet HTML 4Page - Texas Instruments TPS65050RSMR Datasheet HTML 5Page - Texas Instruments TPS65050RSMR Datasheet HTML 6Page - Texas Instruments TPS65050RSMR Datasheet HTML 7Page - Texas Instruments TPS65050RSMR Datasheet HTML 8Page - Texas Instruments TPS65050RSMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART
OUTPUT CURRENT
QFN(1)
PACKAGE
TA
OPTION
NUMBER
for DC/DC CONVERTERS
PACKAGE(2)
MARKING
LDO voltages according to Table 1
TPS65050
2 x 600 mA
65050
DC/DC converters externally adjustable
LDO voltages externally adjustable
DCDC1 = 1 A
TPS65051
65051
DC/DC converters externally adjustable
DCDC2 = 600 mA
LDO voltages according to Table 1
DCDC1 = 1 A
TPS65052
65052
DCDC1 = 3.3 V; DCDC2 = 1 V / 1.3 V
DCDC2 = 600 mA
-40
°C to 85°C
RSM
LDO voltages externally adjustable
TPS65054
DCDC1 = externally adjustable
2 x 600 mA
65054
DCDC2 = 1.3 V / 1.05 V
LDO voltages externally adjustable
DCDC1 = 1A
TPS65056
DCDC1 = 3.3 V
65056
DCDC2 = 600 mA
DCDC2 = 1.0 V / 1.3 V
(1)
The RSM package is available in tape and reel. Add the R suffix (TPS65050RSMR) to order quantities per reel. Add the T suffix
(TPS65050RSMT) to order quantities of 250 parts per reel.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
over operating free-air temperature range (unless otherwise noted)(1)
UNITS
Input voltage range on all pins except AGND, PGND, and EN_LDO1 pins with
-0.3 V to 7 V
respect to AGND
VI
Input voltage range on EN_LDO1 pins with respect to AGND
-0.3 V to VCC + 0.5 V
Current at VINDCDC1/2, L1, PGND1, L2, PGND2
1800 mA
II
Current at all other pins
1000 mA
Continuous total power dissipation
See the dissipation rating table
TA
Operating free-air temperature
–40
°C to 85°C
TJ
Maximum junction temperature
125
°C
Tstg
Storage temperature range
–65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
POWER RATING
DERATING FACTOR
POWER RATING
POWER RATING
PACKAGE
RθJA
(1)
TA ≤ 25°C
ABOVE TA = 25°C
TA = 70°C
TA = 85°C
RSM
58 K/W
1.7 W
17 mW/K
0.95 W
0.68 W
(1)
The thermal resistance junction to case of the RSM package is 4 K/W measured on a high K board
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VI
Input voltage range for step-down converters, VINDCDC1/2
2.5
6
V
Output voltage range for step-down converter, VDCDC1
0.6
VINDCDC1/2
V
VO
Output voltage range for step-down converter, VDCDC2
0.6
VINDCDC1/2
V
VI
Input voltage range for LDOs, VINLDO1, VINLDO2, VINLDO3/4
1.5
6.5
V
2
Submit Documentation Feedback


Similar Part No. - TPS65050RSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65050RSMR TI-TPS65050RSMR Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050RSMRG4 TI-TPS65050RSMRG4 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
More results

Similar Description - TPS65050RSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65050 TI-TPS65050_07 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050-Q1 TI1-TPS65050-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
TPS65053 TI-TPS65053 Datasheet
899Kb / 29P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532 TI1-TPS650532 Datasheet
1,007Kb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650531RGET TI-TPS650531RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65053-Q1 TI1-TPS65053-Q1 Datasheet
832Kb / 26P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532RGET TI1-TPS650532RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com