Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

600K Datasheet(PDF) 1 Page - STMicroelectronics

Part # 600K
Description  LOW VOLTAGE NPN POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

600K Datasheet(HTML) 1 Page - STMicroelectronics

  600K Datasheet HTML 1Page - STMicroelectronics 600K Datasheet HTML 2Page - STMicroelectronics 600K Datasheet HTML 3Page - STMicroelectronics 600K Datasheet HTML 4Page - STMicroelectronics 600K Datasheet HTML 5Page - STMicroelectronics 600K Datasheet HTML 6Page - STMicroelectronics 600K Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRELIMINARY DATA
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
Rev 1
July 2005
1/7
7
ST600K
LOW VOLTAGE NPN POWER TRANSISTOR
Features
LOW SATURATION VOLTAGE
Applications
SCANNING VELOCITY MODULATION IN
CRT DISPLAYS
MEDIUM POWER LINEAR AND SWITCHING
APPLICATIONS
Description
The ST600K is manufactured by low voltage
Epitaxial Base technology and it is housed in
SOT-32 plastic package. The complementary
PNP type is ST631K.
Order Codes
Internal Schematic Diagram
SOT-32
(TO-216)
3
2
1
Part Number
Marking
Package
Packing
ST600K
600K
SOT-32
TUBE
www.st.com


Similar Part No. - 600K

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
600 SWITCH-600 Datasheet
30Kb / 1P
   JACK COVERS
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Aries Electronics, Inc.
600 ARIES-600 Datasheet
816Kb / 1P
   Body cavity design provides additional clearance for component mounting
logo
MKS Instruments.
600 MKS-600 Datasheet
740Kb / 16P
   600 Series Analog Capacitance Manometers
logo
3M Electronics
600 3M-600 Datasheet
572Kb / 6P
   3M??Scotch짰 Transparent Film Tape 600
More results

Similar Description - 600K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJB44H11T4 STMICROELECTRONICS-MJB44H11T4 Datasheet
412Kb / 11P
   Low voltage NPN power transistor
May 2014 Rev 2
MJD31CT4-A STMICROELECTRONICS-MJD31CT4-A Datasheet
241Kb / 9P
   Low voltage NPN power transistor
MJD31CT4 STMICROELECTRONICS-MJD31CT4 Datasheet
243Kb / 9P
   Low voltage NPN power transistor
2STBN15D100 STMICROELECTRONICS-2STBN15D100 Datasheet
109Kb / 7P
   Low voltage NPN power Darlington transistor
STSA1805 STMICROELECTRONICS-STSA1805 Datasheet
225Kb / 8P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
September 2003
MJB44H11T4-A STMICROELECTRONICS-MJB44H11T4-A Datasheet
412Kb / 11P
   Automotive-grade low voltage NPN power transistor
May 2014 Rev 1
2STR1215 STMICROELECTRONICS-2STR1215 Datasheet
198Kb / 10P
   Low voltage fast-switching NPN power transistor
STD1802 STMICROELECTRONICS-STD1802_07 Datasheet
248Kb / 10P
   Low voltage fast-switching NPN power transistor
STN851 STMICROELECTRONICS-STN851_09 Datasheet
237Kb / 10P
   Low voltage fast-switching NPN power transistor
2STD1665 STMICROELECTRONICS-2STD1665_08 Datasheet
220Kb / 11P
   Low voltage fast-switching NPN power transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com