Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB70NF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB70NF03L
Description  N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET TM II Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB70NF03L Datasheet(HTML) 1 Page - STMicroelectronics

  STB70NF03L_06 Datasheet HTML 1Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 2Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 3Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 4Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 5Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 6Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 7Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 8Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2006
Rev 10
1/15
15
STB70NF03L
STP70NF03L - STB70NF03L-1
N-channel 30V - 0.0075
Ω - 70A - D2PAK - I2PAK - TO-220
Low gate charge STripFET™ II Power MOSFET
General features
Conduction losses reduced
Switching losses reduced
Description
This application specific Power MOSFET is the
third genaration of STMicroelectronis unique
"Single Feature Size™" strip-based process. The
resulting transistor shows the best trade-off
between on-resistance and gate charge. When
used as high and low side in buck regulators, it
gives the best performance in terms of both
conduction and switching losses. This is
extremely important for motherboards where fast
switching and high efficiency are of paramount
importance.
Applications
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB70NF03L
30V
< 0.0095
70A
STP70NF03L
30V
< 0.0095
70A
STB70NF03L-1
30V
< 0.0095
70A
1
2
3
TO-220
I2PAK
D²PAK
1
3
1
2
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB70NF03L
B70NF03L
D²PAK
Tape & reel
STP70NF03L
P70NF03L
TO-220
Tube
STB70NF03L-1
B70NF03L
I²PAK
Tube


Similar Part No. - STB70NF03L_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
255Kb / 9P
   N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
   N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
More results

Similar Description - STB70NF03L_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB70NF3LL STMICROELECTRONICS-STB70NF3LL_06 Datasheet
465Kb / 13P
   N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
   N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
STP70NF03L STMICROELECTRONICS-STP70NF03L Datasheet
255Kb / 9P
   N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
STP70NF3LL STMICROELECTRONICS-STP70NF3LL Datasheet
481Kb / 10P
   N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
STB70NFS03L STMICROELECTRONICS-STB70NFS03L_06 Datasheet
290Kb / 13P
   N-channel - 30V - 0.0075ohm - 70A D2PAK STripFET TM Power MOSFET plus schottky rectifier
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
   N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
STB85NF3LL STMICROELECTRONICS-STB85NF3LL_06 Datasheet
391Kb / 13P
   N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
   N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB80NF10 STMICROELECTRONICS-STB80NF10 Datasheet
317Kb / 14P
   N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
STB24NF10 STMICROELECTRONICS-STB24NF10_06 Datasheet
421Kb / 14P
   N-channel 100V - 0.0055OHM - 26A - TO-220 - D2PAK Low gate charge STripFET TM II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com